Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3208-S21 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # HSDL-3208-S21
Description  Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3208-S21 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button HSDL-3208-S21 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 9Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 10Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 11Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 12Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 13Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 14Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Moisture Proof Packaging
All HSDL-3208 options are
shipped in moisture proof
package. Once opened, moisture
absorption begins.
This part is compliant to JEDEC
Level 4.
Baking Conditions
If the parts are not stored in dry
conditions, they must be baked
before reflow to prevent damage
to the parts.
Package
Temp.
Time
In reels
60
°C
≥ 48 hours
In bulk
100
°C
≥ 4 hours
125
°C
≥ 2 hours
150
°C
≥ 1 hour
Baking should only be done once.
Recommended Storage
Conditions
Storage
10
°C to 30°C
Temperature
Relative
below 60% RH
Humidity
Time from Unsealing to
Soldering
After removal from the bag, the
parts should be soldered within
three days if stored at the recom-
mended storage conditions. If
times longer than 72 hours are
needed, the parts must be stored
in a dry box.
Figure 14. Baking conditions chart.
UNITS IN A SEALED
MOISTURE-PROOF
PACKAGE
PACKAGE IS
OPENED (UNSEALED)
ENVIRONMENT
LESS THAN 30°C,
AND LESS THAN
60% RH
PACKAGE IS
OPENED LESS
THAN 72 HOURS
PERFORM RECOMMENDED
BAKING CONDITIONS
NO BAKING
IS NECESSARY
YES
NO
NO
YES


Similar Part No. - HSDL-3208-S21

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3208-021 HP-HSDL-3208-021 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208-021 LITEON-HSDL-3208-021 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-021 LITEON-HSDL-3208-021 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL-3208-S21

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3002 AVAGO-HSDL-3002 Datasheet
436Kb / 20P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Transmission Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com