Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3208-S21 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # HSDL-3208-S21
Description  Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3208-S21 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  HSDL-3208-S21 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3208-S21 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Description
The HSDL-3208 is an ultra-small low cost infrared
transceiver module that provides the interface be-
tween logic and infrared (IR) signals for through air,
serial, half-duplex IR data link. The module is com-
pliant to IrDA Physical Layer Specifications version
1.4 Low Power from 9.6 kbit/s to 115.2 kbit/s with
extended link distance and it is IEC 825-Class 1
eye safe.
The HSDL-3208 can be shut down completely to
achieve very low power consumption. In the shut-
down mode, the PIN diode will be inactive and thus
producing very little photocurrent even under very
bright ambient light. Such features are ideal for
battery operated handheld products.
Features
• Fully compliant to IrDA 1.4 low power specification from
9.6 kbit/s to 115.2 kbit/s
• Miniature package
– Height: 1.60 mm
– Width: 7.00 mm
– Depth: 2.8 mm
• Miniature package (with shield)
– Height: 1.80 mm
– Width: 7.4 mm
– Depth: 2.90 mm
• Guaranteed temperature performance, -25 to +70
°C
– Critical parameters are guaranteed over temperature
and supply voltage
• Low power consumption
– Low shutdown current (1 nA typical)
– Complete shutdown of TXD, RXD, and PIN diode
• Withstands >100 mVp-p power supply ripple typically
• Excellent EMI performance without shield
•VCC supply 2.4 to 3.6 volts
• LED stuck-high protection
• Designed to accommodate light loss with cosmetic
windows
• IEC 825-class 1 eye safe
Applications
• IRFM
• Mobile telecom
– Cellular phones
– Pagers
– Smart phones
• Data communication
– PDAs
– Portable printers
• Digital imaging
– Digital cameras
– Photo-imaging printers
Figure 1. Functional block diagram of HSDL-3208.
Figure 2. Rear view diagram with pinout.
76
5
4
3
2
1
VCC
TRANSMITTER
HSDL-3208
CX1
SD (5)
CX2
RXD (4)
VCC (6)
GND (7)
VCC
R1
TXD (3)
LED C (2)
LED A (1)
HSDL-3208-S21
Ultra Small Profile Package
IrDA® Data Compliant Low Power
115.2 kbit/s Infrared Transceiver
Data Sheet


Similar Part No. - HSDL-3208-S21

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3208-021 HP-HSDL-3208-021 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208-021 LITEON-HSDL-3208-021 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-021 LITEON-HSDL-3208-021 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL-3208-S21

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3002 AVAGO-HSDL-3002 Datasheet
436Kb / 20P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Transmission Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com