Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3200-021 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # HSDL-3200-021
Description  IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3200-021 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  HSDL-3200-021 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Electrical and Optical Specifications
Specifications hold over the recommended operating conditions unless otherwise noted. Unspecified test
conditions can be anywhere in their operating range. All typical values are at 25
°C and 3.0 V unless
otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Note
Receiver
RXD
Logic Low
VOL
0
0.4
V
IOL = 200 µA, For in-band EI
6
Output Voltage
Logic High
VOH
VCC
VCC
VIOH = –200 µA, For in-band
–0.2
EI
≤0.3 µW/cm2
Viewing Angle
2f1/2
30
°
Peak Sensitivity Wavelength
l
p
880
nm
RXD Pulse Width
tpw
1.5
2.5
4.0
µs6
RXD Rise and Fall Times
tr, tf
25
100
ns
tpw (EI) = 1.6
µs, CL = 10 pF
Receiver Latency Time
tL
25
50
µs6
Receiver Wake Up Time
tW
50
100
µs7
Transmitter
Radiant Intensity
EIH
4
8
28.8
mW/Sr
ILEDA = 25 mA, TA = 25°C,
q1/2 ≤15°
Peak Wavelength
l
p
875
nm
Spectral Line Half Width
Dl1/2
35
nm
Viewing Angle
2q1/2
30
60
°
Optical Pulse Width
tpw
1.5
1.6
2
µs
tpw (TXD) = 1.6
µs
Optical Rise and Fall Times
tr (EI)
600
ns
tpw (TXD) = 1.6
µs
tf (EI)
Maximum Optical
tpw
20
50
µs
TXD pin stuck high
Pulse Width
(max)
LED Anode On State
VON
1.6
V
ILEDA = 25 mA,
Voltage
(LEDA)
VIH (TXD) = 2.7 V
LED Anode Off State
ILK
0.01
1.0
µAVLEDA = VCC = 3.6 V,
Leakage
(LEDA)
VI (TXD) ≤ 1/3 VCC
Transceiver
TXD and SD
Logic Low
IL
–1
–0.01
1
µA0 ≤ VI ≤ 1/3 VCC
Input Current
Logic High
IH
0.01
1
µAVI ≥ 2/3 VCC
Supply Current
Shutdown
ICC1
10
200
nA
VCC = 3.6 V, VSD ≥ VCC –0.5
Idle
ICC2
2.5
4
mA
VCC = 3.6 V,
VI (TXD) ≤ 1/3 VCC, EI = 0
Active
ICC3
2.6
5
mA
VCC = 3.6 V,
8, 9
Receiver
VI (TXD) ≤ 1/3 VCC
Notes:
6. For in-band signals
≤ 115.2 Kb/s where 8.1 µW/cm2 ≤ EI ≤ 500 mW/cm2.
7. Wake up time is measured from SD pin high to low transition or VCC power on to valid RXD output.
8. Typical value is at EI = 10 mW/cm2.
9. Maximum value is at EI = 500 mW/cm2.


Similar Part No. - HSDL-3200-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results

Similar Description - HSDL-3200-021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com