Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3200-021 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # HSDL-3200-021
Description  IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3200-021 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  HSDL-3200-021 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Absolute Maximum Ratings
For implementations where case to ambient thermal resistance
≤ 50°C/W.
Parameter
Symbol
Min.
Max.
Units
Conditions
Storage Temperature
TS
–40
100
°C
Operating Temperature
TA
–25
85
°C
DC LED Current
ILED (DC)
20
mA
Peak LED Current
ILED (PK)
80
mA
≤ 90 µs Pulse Width,
≤25% Duty Cycle
LED Anode Voltage
VLEDA
–0.5
7
V
Supply Voltage
VCC
07
V
Input Voltage TXD, SD
VI
0VCC +0.5
V
Output Voltage RXD
VO
–0.5
VCC +0.5
V
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Conditions
Notes
Operating Temperature
TA
–25
85
°C
Supply Voltage
VCC
2.7
3.6
V
Logic High Voltage
VIH
2/3 VCC
VCC
V
TXD, SD
Logic Low Voltage
VIL
0
1/3 VCC
V
TXD, SD
Logic High Receiver
EIH
0.0081
500
mW/cm2
For in-band signals.
5
Input Irradiance
Logic Low Receiver
EIL
0.3
µW/cm2
For in-band signals.
5
Input Irradiance
LED Current Pulse
ILEDA
25
80
mA
Guaranteed at 25
°C
Amplitude
Receiver Signal Rate
2.4
115.2
Kb/s
Ambient Light
See “Test Methods”
on page 12 for details
Note:
5. An in-band optical signal is a pulse/sequence where the peak wavelength, lp, is defined as 850 nm
≤ lp ≤ 900 nm, and the pulse characteristics
are compliant with the IrDA Serial Infrared Physical Layer Link Specification.


Similar Part No. - HSDL-3200-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results

Similar Description - HSDL-3200-021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
   IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com