Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3200-021 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # HSDL-3200-021
Description  IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3200-021 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  HSDL-3200-021 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Recommended Application Circuit Components
Component
Recommended Value
Note
R1
47
Ω, ± 1%, 0.125 Watt
C1
6.8
µF, ± 20%, Tantalum
4
C2
100 nF,
± 20%, X7R Ceramic
Note:
4. C1 must be placed within 0.7 cm of the HSDL-3200 to obtain optimum noise immunity.
I/O Pins Configuration Table
Pin
Description
Symbol
Active
Note
1
Ground
GND
2
Pin Bypass Capacitor
CX
3
Supply Voltage
VCC
4
Analog Ground
AGND
5
Shut Down
SD
High
1
6
Receiver Data Output
RXD
Low
7
Transmitter Data Input
TXD
High
8
LED Anode
LEDA
Note:
1. The shutdown pin (SD) must be driven either high or low. Do NOT float the pin.
Caution: The BiCMOS inherent to this design of this component increases the component’s
susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static
precautions be taken in handling and assembly of this component to prevent damage and/or
degradation which may be induced by ESD.
Ordering Information
The ordering information is as shown
in the table below. There are two
options available.
Front Option
#021
Taped and 13” Reel
packaging, 2500 per reel
Top Option
–028
Taped and 13” Reel
Packaging, 2500 per reel
Transceiver I/O Truth Table
Inputs
Outputs
TXD
Light Input to Receiver
SD
LED
RXD
Notes
High
Don’t Care
Low
On
Not Valid
Low
High
Low
Off
Low
2, 3
Low
Low
Low
Off
High
Don’t Care
Don’t Care
High
Off
High
Notes:
2. In-Band IrDA signals and data rates
≤115.2 Kb/s.
3. RXD Logic Low is a pulsed response. The condition is maintained for a duration dependent on pattern and strength of the incident intensity.


Similar Part No. - HSDL-3200-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results

Similar Description - HSDL-3200-021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
   IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com