Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3200-021 Datasheet(PDF) 14 Page - Lite-On Technology Corporation

Part # HSDL-3200-021
Description  IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3200-021 Datasheet(HTML) 14 Page - Lite-On Technology Corporation

Back Button HSDL-3200-021 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 9Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 10Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 11Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 12Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 13Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 14Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Test Methods
Background Light and
Electromagnetic Field
There are four ambient
interference conditions in which
the receiver is to operate
correctly. The conditions are to be
applied separately:
1. Electromagnetic field:
3 V/m maximum (please refer
to IEC 801-3, severity level 3
for details).
2. Sunlight:
10 kilolux maximum at the
optical port. This is simulated
with an IR source having a
peak wavelength within the
range of 850 nm to 900 nm and
a spectral width of less than
50 nm biased to provide 490
µW/cm2 (with no modulation)
at the optical port. The light
source faces the optical port.
This simulates sunlight within
the IrDA spectral range. The
effect of longer wavelength
radiation is covered by the
incandescent condition.
3. Incandescent Lighting:
1000 lux maximum. This is
produced with general service,
tungsten-filament, gas-filled,
inside frosted lamps in the 60
Watt to 100 Watt range to
generate 1000 lux over the
horizontal surface on which the
equipment under test rests.
The light sources are above the
test area. The source is
expected to have a filament
temperature in the 2700 to
3050 Kelvin range and a
spectral peak in the 850 to
1050 nm range.
4. Fluorescent Lighting:
1000 lux maximum. This is
simulated with an IR source
having a peak wavelength
within the range of 850 nm to
900 nm and a spectral width of
less than 50 nm biased and
modulated to provide an
optical square wave signal
(0
µW/cm2 minimum and
0.3
µW/cm2 peak amplitude
with 10% to 90% rise and fall
times less than or equal to
100 ns) over the horizontal
surface on which the
equipment under test rests.
The light sources are above the
test area. The frequency of the
optical signal is swept over the
frequency range from 20 kHz to
200 kHz.
Due to the variety of
fluorescent lamps and the
range of IR emissions, this
condition is not expected to
cover all circumstances. It will
provide a common floor for
IrDA operation.
For company and product information, please go to our web site:
WWW.liteon.com or
http://optodatabook.liteon.com/databook/databook.aspx
Data subject to change. Copyright © 2007 Lite-On Technology Corporation. All rights reserved.


Similar Part No. - HSDL-3200-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results

Similar Description - HSDL-3200-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com