Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3200-021 Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # HSDL-3200-021
Description  IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3200-021 Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button HSDL-3200-021 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 9Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 10Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 11Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 12Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 13Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 14Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Pick and Place Misalignment
Tolerance and Self-Alignment
after Solder Reflow
If the printed solder paste
volume is adequate, the HSDL-
3200 will self-align after solder
reflow. Units should be properly
reflowed in IR/Hot Air
convection oven using the
recommended reflow profile.
The direction of board travel
does not matter.
Tolerance for X-Axis
Alignment of Castellation
Misalignment of castellation to
the land pad should not exceed
0.2 mm (0.008 in.), or about one
half the width of the castellation
during placement of the unit.
The castellations will self-align
to the pads during solder reflow.
Tolerance for Rotational
(Theta) Misalignment
Units when mounted should not
be rotated more than
± 3 degrees
with reference to center X-Y as
shown in the recommended land
pattern. Units with rotational
misalignment of more than
± 3 degrees will not completely
self-align after reflow. Units with
less than a
± 3 degree
misalignment will self-align after
solder reflow.
Y-Axis Misalignment of
Castellation
In the Y direction, the
HSDL-3200 does not self-align
after solder reflow. It is
recommended that it be placed
in line with the fiducial mark
(mid-length of land pad). This
will enable sufficient land length
(minimum of 1/2 land length) to
form a good joint. See the
drawing below.
Allowable Misalignment
Direction
Tolerance
x
≤0.2 mm (0.008 inches)
Theta
± 3 degrees
Marking Information
The unit is marked with a letter
“B” and “YWWLL” for front
options on the shield. Y is the
year, WW is the workweek, and
LL is the Lot information.
MINIMUM 1/2 THE LENGTH
OF THE LAND PAD
LENS
EDGE
FIDUCIAL


Similar Part No. - HSDL-3200-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results

Similar Description - HSDL-3200-021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
   IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com