Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3200-021 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # HSDL-3200-021
Description  IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3200-021 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button HSDL-3200-021 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 9Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 10Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 11Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 12Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 13Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 14Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Recommended Metal Solder
Stencil Aperture
It is recommended that only
0.127 mm (0.005 inches) or 0.11
mm (0.004 inches) thick stencil
be used for solder paste
printing. This is to ensure
adequate printed solder paste
volume and no shorting. The
following combination of metal
stencil aperture and metal
stencil thickness should be used:
w, the width of aperture is fixed
at 0.55 mm (0.022 inches).
Aperture opening for shield pad
is as per land pattern.
Adjacent Land Keepout and
Solder Mask Areas
Adjacent land keep-out is the
maximum space occupied by the
unit relative to the land pattern.
There should be no other SMD
components within this area.
“h” is the minimum solder resist
strip width required to avoid
solder bridging adjacent pads.
It is recommended that two
fiducial crosses be placed at
mid-length of the pads for unit
alignment.
Note: Wet/Liquid Photo-
Imageable solder resist/mask is
recommended.
Recommended Solder Paste/
Cream Volume for
Castellation Joints
Based on calculation and
experiment, the printed solder
paste volume required per
castellation pad is 0.22 cubic
mm (based on either no-clean or
aqueous solder cream types with
typically 60% to 65% solid
content by volume). Using the
recommended stencil will result
in this volume of solder paste.
t, nominal stencil thickness
l, length of aperture
mm
inches
mm
inches
0.127
0.005
1.75
± 0.05
0.102
± 0.002
0.11
0.004
2.4
± 0.05
0.118
± 0.002
h
Y
X
m
k
j
DIMENSION
mm
INCHES
h
k
j
m
MIN. 0.2
8.2
2.6
3.0
MIN. 0.008
0.323
0.102
0.118
APERTURES AS PER
LAND DIMENSIONS
l
w
t


Similar Part No. - HSDL-3200-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results

Similar Description - HSDL-3200-021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
   IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com