Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3200-021 Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # HSDL-3200-021
Description  IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3200-021 Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button HSDL-3200-021 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 9Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 10Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 11Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 12Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
IR Transceiver Reflow Profile: Lead-free
The reflow profile is a straight-
line representation of a nominal
temperature profile for a
convective reflow solder
process. The temperature profile
is divided into four process
zones, each with different
DT/Dtime temperature change
rates. The DT/Dtime rates are
detailed in the above table. The
temperatures are measured at
the component to printed circuit
board connections.
In process zone P1, the PC
board and HSDL-3200
castellation I/O pins are heated
to a temperature of 160
°C to
activate the flux in the solder
paste. The temperature ramp up
rate, R1, is limited to 4
°C per
second to allow for even heating
of both the PC board and HSDL-
3200 castellation I/O pins.
Process zone P2 should be of
sufficient time duration (60 to
120 seconds) to dry the solder
paste. The temperature is raised
to a level just below the liquidus
point of the solder, usually
200
°C (392°F).
Process zone P3 is the solder
reflow zone. In zone P3, the
temperature is quickly raised
above the liquidus point of
solder to 255
°C (491°F) for
optimum results. The dwell time
above the liquidus point of
solder should be between 20 and
60 seconds. It usually takes
about 20 seconds to assure
proper coalescing of the solder
balls into liquid solder and the
formation of good solder
connections. Beyond a dwell
time of 60 seconds, the
intermetallic growth within the
solder connections becomes
excessive, resulting in the
formation of weak and
unreliable connections. The
temperature is then rapidly
reduced to a point below the
solidus temperature of the
solder, usually 200
°C (392°F), to
allow the solder within the
connections to freeze solid.
Process zone P4 is the cool
down after solder freeze. The
cool down rate, R5, from the
liquidus point of the solder to
25
°C (77°F) should not exceed
6
°C per second maximum. This
limitation is necessary to allow
the PC board and HSDL-3200
castellation I/O pins to change
dimensions evenly, putting
minimal stresses on the HSDL-
3200 transceiver.
Process Zone
Symbol
D
T
Maximum DT/Dtime
Heat Up
P1, R1
25
°C to 160°C4°C/s
Solder Paste Dry
P2, R2
160
°C to 200°C
0.5
°C/s
Solder Reflow
P3, R3
200
°C to 255°C (260°C at 10 seconds max.)
4
°C/s
P3, R4
255
°C to 200°C-6°C/s
Cool Down
P4, R5
200
°C to 25°C-6°C/s
0
t-TIME (SECONDS)
230
200
160
120
80
50
150
100
200
250
300
180
220
255
P1
HEAT
UP
P2
SOLDER PASTE DRY
P3
SOLDER
REFLOW
P4
COOL
DOWN
25
R1
R2
R3
R4
R5
60 sec.
MAX.
ABOVE
220
°C
MAX. 260
°C


Similar Part No. - HSDL-3200-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results

Similar Description - HSDL-3200-021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
   IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com