Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3200-021 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # HSDL-3200-021
Description  IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3200-021 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  HSDL-3200-021 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3200-021 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
HDSL-3200#021 Package Dimensions
HSDL-3200#021 Tape and Reel Dimensions
16.4
+ 2
0
21 ± 0.8
UNIT: mm
A
B
R1.0
∅13.0 ± 0.5
2.0 ± 0.5
2 ± 0.5
LABEL
;
;
;
;
;
;
;
3.4 ± 0.1
8.4 ± 0.1
8 ± 0.1
4 ± 0.1
1.5 ± 0.1
7.5 ± 0.1
16.0 ± 0.2
1.75 ± 0.1
∅1.5
+ 0.1
0
0.4 ± 0.05
2.8 ± 0.1
POLARITY
PIN 8: LEDA
PIN 1: GND
OPTION #
DIMENSION A
(± 1 mm)
DIMENSION B
(± 2 mm)
QUANTITY
(POS/REEL)
0S1
0L1
178
330
60
80
500
2500
EMPTY
PARTS MOUNTED
LEADER
EMPTY
(40 mm MIN.)
(400 mm MIN.)
(40 mm MIN.)
PROGRESSIVE DIRECTION
TAPE DIMENSIONS
;;
;
0.6
1.25
1.425
2.85
1.35
1.75
0.775
0.475
1.425
2.375
3.325
CL
MOUNTING
CENTER
EXTERNAL
GROUND
MOUNTING
CENTER
4
1.025
SOLDERING PATTERN
UNIT: mm
TOLERANCE: ± 0.2mm
CL
2.5
4
8
2.05
2.55
EMITTER
RECEIVER
0.35
0.65
0.80
CL
3.325
P0.95X7 = 6.65
0.6
87654321
1 GND
5 SD
2 CX
6 RXD
3 VCC
7 TXD
4 AGND
8 LEDA
2.9
3
1.85
;
;
;
;
;;
;
;
;
;
;
;;
;
;
;
1.05
1.25
1.175
2.2


Similar Part No. - HSDL-3200-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results

Similar Description - HSDL-3200-021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
   IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com