Electronic Components Datasheet Search |
|
AFBR-0549Z Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
AFBR-0549Z Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED |
|
1 / 1 page AFBR-0549Z, AFBR-0550Z Evaluation Kits for the HFBR-1414PTZ Fiber Optic Transmitter and the AFBR-2418TZ/AFBR-2419TZ Fiber Optic Receivers Product Brief Description The AFBR-0549Z/AFBR-0550Z evaluation kits provide sys- tem designers with a convenient means to evaluate the performance of the HFBR-1414PTZ fiber optic transmitter and the AFBR-2418TZ/AFBR-2419TZ fiber optic receivers. Each evaluation board is mounted with an HFBR-1414PTZ module, which will be used as the reference transmitter; an AFBR-2418TZ or an AFBR-2419TZ module; two SMA connectors for input/output signals; and two 2-pin head- ers, one for monitoring the electrical input signal supplied to the transmitter section of the evaluation board (JP1) and the other one for monitoring the electrical output signal generated by the receiver (JP2). The evaluation board is a two-layer PCB designed for up to 50 Mbit/s. The transceiver lines are placed below the ground plane (top side) to ensure a low inductance signal return path and continuous impedance along the trace. The ground plane under/around the transceiver helps dis- sipate thermal energy. For best transceiver performance, the decoupling capacitor and ferrite bead should be placed as close as possible to the transceiver supply volt- age. Evaluation Kit Components The evaluation kit includes: a. Evaluation board (mounted with either AFBR-2418TZ or AFBR-2419TZ) b. 1-meter-long ST/ST 62.5 µm multimode fiber. c. 1-meter-long ST/ST 200 µm PCS fiber. Ordering Information AFBR-0549Z Evaluation board mounted with HFBR-1414PTZ fiber optic transmitter and AFBR-2418TZ* fiber optic receiver. AFBR-0550Z Evaluation board mounted with HFBR-1414PTZ fiber optic transmitter and AFBR-2419TZ** fiber optic receiver. Notes: * AFBR-2418TZ - input data rate ranging from DC to 50 MBd ** AFBR-2419TZ - input data rate ranging from from 100 kBd to 50 MBd. Reference Application Note 5577, AFBR-0549Z/AFBR-0550Z - Evalu- ation Kits for the HFBR-1414PTZ Fiber Optic Transmitter and the AFBR-2418TZ/AFBR-2419TZ Fiber Optic Receivers (AV02-4439EN) For product information and a complete list of distributors, please go to our web site: www.avagotech.com Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries. Data subject to change. Copyright © 2005-2015 Avago Technologies. All rights reserved. AV02-4887EN - April 7, 2015 |
Similar Part No. - AFBR-0549Z |
|
Similar Description - AFBR-0549Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |