Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-0547Z Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-0547Z
Description  AFBR-1624Z and AFBR-2624Z unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-0547Z Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-0547Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-0547Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AFBR-0546Z and AFBR-0547Z Evaluation Kit
DC to 50MBd 650nm Versatile Link
Fiber Optic Evaluation Kit
User Guide
Introduction
AFBR-0546Z is used to evaluate Avago fiber optics device
AFBR-1624Z and AFBR-2624Z.
AFBR-0547Z is used to evaluate Avago fiber optics device
AFBR-1629Z and AFBR-2529Z.
The evaluation kit is equipped with necessary documents
and accessories to ease production and verification.
Evaluation Kit
AFBR-0546Z contains:
1. Evaluation board
2. AFBR-1624Z and AFBR-2624Z unit
3. AFBR-1624Z/AFBR-2624Z datasheet
4. HFBR-RNS001Z 1m Simples POF Fiber
5. User guide document
AFBR-0547Z contains:
1. Evaluation board
2. AFBR-1629Z and AFBR-2529Z unit
3. AFBR-1629Z/AFBR-2529Z datasheet
4. HFBR-RNS001Z 1m Simples POF Fiber
5. User guide document
Evaluation Board
The basic evaluation board that you receive from Avago
incorporates passive components and SMA connectors
for the TX input (TXD) and RX output (RXD port connec-
tion. This basic evaluation board allows you to connect
waveform/pattern generators to the TXD with TTL input
signal. Receiver’s output signal can be monitored from
RXD or RXout with oscilloscope using 50Ohm input set-
ting. The logic of AFBR-1624Z/AFBR-2624Z (output high
when input high) and AFBR-1629Z/AFBR-2529Z (output
low when input high) is inverted.
Initial Setup
1. Connect 3.3V or 5V supply voltage to TXVCC and RXVCC
2. Connect 0V to TXGND and RXGND
3. Connect TXD to pattern generator output
4. Connect RXout or RXD to Oscilloscope or Bit Error
Tester with 50Ohm impedance input.


Similar Part No. - AFBR-0547Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-0544Z AVAGO-AFBR-0544Z Datasheet
544Kb / 4P
Evaluation PCB description
AFBR-0545Z AVAGO-AFBR-0545Z Datasheet
272Kb / 5P
The media converter kit includes
AFBR-0548Z AVAGO-AFBR-0548Z Datasheet
44Kb / 2P
Connect 0V to GND pin of 3 pin connector
AFBR-0549Z AVAGO-AFBR-0549Z Datasheet
145Kb / 1P
The AFBR-0549Z/AFBR-0550Z evaluation kits provide
logo
Broadcom Corporation.
AFBR-0549Z BOARDCOM-AFBR-0549Z Datasheet
145Kb / 1P
Evaluation Kits for the HFBR-1414PTZ Fiber Optic Transmitter and the AFBR-2418TZ/AFBR-2419TZ Fiber Optic Receivers
More results

Similar Description - AFBR-0547Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-0549Z AVAGO-AFBR-0549Z Datasheet
145Kb / 1P
The AFBR-0549Z/AFBR-0550Z evaluation kits provide
logo
Broadcom Corporation.
AFBR-0549Z BOARDCOM-AFBR-0549Z Datasheet
145Kb / 1P
Evaluation Kits for the HFBR-1414PTZ Fiber Optic Transmitter and the AFBR-2418TZ/AFBR-2419TZ Fiber Optic Receivers
AFBR-S4E001 BOARDCOM-AFBR-S4E001 Datasheet
708Kb / 6P
Evaluation Kit for the AFBR-S4NxxC01y SiPM Family
July 9, 2018
logo
ATGBICS by Approved Tec...
AFBR-2CAR01Z-C ATGBICS-AFBR-2CAR01Z-C Datasheet
397Kb / 6P
AFBR-2CAR01Z Avago Broadcom Compatible Active Optical Cable 10G SFP (1m)
AFBR-2CAR02Z-C ATGBICS-AFBR-2CAR02Z-C Datasheet
397Kb / 6P
AFBR-2CAR02Z Avago Broadcom Compatible Active Optical Cable 10G SFP (2m)
AFBR-2CAR20Z-C ATGBICS-AFBR-2CAR20Z-C Datasheet
397Kb / 6P
AFBR-2CAR20Z Avago Broadcom Compatible Active Optical Cable 10G SFP (20m)
AFBR-2CAR03Z-C ATGBICS-AFBR-2CAR03Z-C Datasheet
397Kb / 6P
AFBR-2CAR03Z Avago Broadcom Compatible Active Optical Cable 10G SFP (3m)
AFBR-2CAR05Z-C ATGBICS-AFBR-2CAR05Z-C Datasheet
397Kb / 6P
AFBR-2CAR05Z Avago Broadcom Compatible Active Optical Cable 10G SFP (5m)
AFBR-2CAR10Z-C ATGBICS-AFBR-2CAR10Z-C Datasheet
408Kb / 6P
AFBR-2CAR10Z Avago Broadcom Compatible Active Optical Cable 10G SFP (10m)
AFBR-2CAR15Z-C ATGBICS-AFBR-2CAR15Z-C Datasheet
408Kb / 6P
AFBR-2CAR15Z Avago Broadcom Compatible Active Optical Cable 10G SFP (15m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com