Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-0545Z Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-0545Z
Description  The media converter kit includes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-0545Z Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-0545Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-0545Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-0545Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-0545Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-0545Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AFBR-0545Z Fast Ethernet Media Converter Board
with the AFBR-5972Z Transceiver
Application Note 5549
Introduction
The Avago AFBR-5972Z transceiver module enables
system designer to implement a 100 Mbps Fast Ethernet
data link over standard plastic optical fiber (POF, NA =
0.5). The AFBR-0545Z media converter board allows a
system designer to quickly evaluate AFBR-5972Z trans-
ceiver module performance. The transceiver module
can be connected with Avago Versatile Link connectors
(AFBR-4526Z).The AFBR-5972Z module is lead free and
RoHS compatible.
AFBR-0545Z Media Converter Kit
The media converter kit includes:
1. Media converter board (2 pieces)
2. 12V DC power supply (2 pieces) plus power supply
adapter (5 types, 2 pieces each)
3. 2 meter POF Cable (NA = 0.5) with duplex connector for
the AFBR-5972Z (P/N HFBR-RSD002Z)
4. CAT 5 patch cable (2 pieces)
5. AFBR-0545Z application note
As shown in Figure 1, the media converter board includes
a twisted pair interface, optical transceiver module, a
media converter PHY chip, and power supply interface.
The media converter PHY chip translates the data signal
from the twisted pair domain to the optical domain.
POF cable has many significant advantages over twisted
pair copper media.
 Optical cable is immune to, and does not generate, EM
fields.
 Complete galvanic isolation is also achieved using
optical communication links.
 Plastic optical fiber (POF) also offers a lower weight
media.
 POF offers a low cost cable solution and easy field
termination.
Figure 1. AFBR-0545Z media converter board with the AFBR-5972Z transceiver
Po
wer
Cable
CA
T 5
Cable
POF
Cable
PHY
Chip


Similar Part No. - AFBR-0545Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-0544Z AVAGO-AFBR-0544Z Datasheet
544Kb / 4P
Evaluation PCB description
AFBR-0546Z AVAGO-AFBR-0546Z Datasheet
56Kb / 2P
AFBR-1624Z and AFBR-2624Z unit
AFBR-0547Z AVAGO-AFBR-0547Z Datasheet
56Kb / 2P
AFBR-1624Z and AFBR-2624Z unit
AFBR-0548Z AVAGO-AFBR-0548Z Datasheet
44Kb / 2P
Connect 0V to GND pin of 3 pin connector
AFBR-0549Z AVAGO-AFBR-0549Z Datasheet
145Kb / 1P
The AFBR-0549Z/AFBR-0550Z evaluation kits provide
More results

Similar Description - AFBR-0545Z

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5CK1001 PASTERNACK-PE5CK1001 Datasheet
1Mb / 17P
Standard kit includes
logo
List of Unclassifed Man...
MHD45PK25-K ETC2-MHD45PK25-K Datasheet
155Kb / 1P
BACKSHELL KIT INCLUDES
logo
Pasternack Enterprises,...
PE5CK1000 PASTERNACK-PE5CK1000 Datasheet
1Mb / 20P
Standard kit includes
logo
Glenair, Inc.
050_113 GLENAIR-050_113 Datasheet
627Kb / 15P
Media Converter
050-110 GLENAIR-050-110 Datasheet
758Kb / 13P
Media Converter
050-112 GLENAIR-050-112 Datasheet
607Kb / 15P
Media Converter
050-113 GLENAIR-050-113 Datasheet
627Kb / 15P
Media Converter
050-115 GLENAIR-050-115 Datasheet
588Kb / 13P
Media Converter
050_115 GLENAIR-050_115 Datasheet
588Kb / 13P
Media Converter
logo
Bel Fuse Inc.
T2F-DTL002-24V BEL-T2F-DTL002-24V Datasheet
760Kb / 2P
Media Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com