Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-0544Z Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-0544Z
Description  Evaluation PCB description
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-0544Z Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-0544Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-0544Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-0544Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-0544Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
2. Evaluation Board Description
The evaluation board schematic is shown in Figure 2. The
differential LVDS or LVPECL electrical inputs signal of the
transmitter are AC coupled through 100nF capacitors and
connected by 50
Ω transmission lines to SMA connectors.
The differential LVPECL electrical outputs from LVPECL ter-
mination of the receiver are AC coupled through 100nF
capacitors and connected by 50
Ω transmission lines to
SMA connecters. The signal detect (SD) pin is LVPECL com-
patible. The thick line between SMA connector and the
input/output pins of AFBR-5972Z represents a 50
Ω trans-
mission in the schematics (Figure 2). The top and bottom-
sides of the evalution PCB are shown in Figure 3(a) and
3(b) respectively.
The evaluation board is a two-layer PCB designed for 125
Mbit/s. The transceiver differential lines are placed below
the ground plane (top side) to ensure a low inductance
signal return path and continuous impedance along the
trace. The ground plane under/around the transceiver
helps the tranceiver dissipate thermal energy. A 1.57 mm
PCB thickness is used so that the AFBR-5972Z mounting
clip can be fitted properly. For best transceiver perfor-
mance, the decoupling capacitor and ferrite bead should
be placed as close as possible to the tranceiver supply
voltage, as shown in Figure 3(b).
Table 1 describes the input/output interface.The input/
output interface is shown on the top side of the evalua-
tion board.
Figure 2. Schematic of the AFBR-0544Z evaluation board
Figure 3(a). Top side of the AFBR-0544Z evaluation board
Figure 3(b). Bottom side of the AFBR-0544Z evaluation board
Table 1. Input/output description
Name
Description
Signal Level
TD+
Differential transmitter inputs
LVDS,
LVPECL
TD-
RD+
Differential receiver outputs
LVPECL
RD-
SD
Signal detect
DP
Differential receiver output signal for
differential probe measurement
3V3
Transmitter and receiver power supply
3.3 V
GND
Transmitter and receiver ground
GND


Similar Part No. - AFBR-0544Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-0545Z AVAGO-AFBR-0545Z Datasheet
272Kb / 5P
   The media converter kit includes
AFBR-0546Z AVAGO-AFBR-0546Z Datasheet
56Kb / 2P
   AFBR-1624Z and AFBR-2624Z unit
AFBR-0547Z AVAGO-AFBR-0547Z Datasheet
56Kb / 2P
   AFBR-1624Z and AFBR-2624Z unit
AFBR-0548Z AVAGO-AFBR-0548Z Datasheet
44Kb / 2P
   Connect 0V to GND pin of 3 pin connector
AFBR-0549Z AVAGO-AFBR-0549Z Datasheet
145Kb / 1P
   The AFBR-0549Z/AFBR-0550Z evaluation kits provide
More results

Similar Description - AFBR-0544Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2031 STMICROELECTRONICS-AN2031 Datasheet
210Kb / 12P
   EVALUATION BOARD DESCRIPTION
logo
Infineon Technologies A...
Z8F80147930 INFINEON-Z8F80147930 Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
logo
Melexis Microelectronic...
EVB71112 MELEXIS-EVB71112 Datasheet
628Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71111 MELEXIS-EVB71111 Datasheet
620Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71101 MELEXIS-EVB71101 Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
logo
Pulse A Technitrol Comp...
W3919XXXX PULSE-W3919XXXX Datasheet
706Kb / 11P
   Description: 5GHz PCB antenna
logo
Melexis Microelectronic...
EVB71122 MELEXIS-EVB71122 Datasheet
921Kb / 32P
   300 to 930MHz Receiver Evaluation Board Description
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB71120 MELEXIS-EVB71120_15 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com