Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-0544Z Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-0544Z
Description  Evaluation PCB description
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-0544Z Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-0544Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-0544Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-0544Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-0544Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AFBR-0544Z Evaluation Kit for the
AFBR-5972Z Fiber Optic Transceiver
Application Note 5532
Evaluation Board
The AFBR-0544Z evaluation board gives the system
designer a convenient means to evalute the performance
of the Avago AFBR-5972Z fiber optic transceiver module,
as well as future compatible products.
As shown in Figure 1, the evaluation board is mounted with
an AFBR-5972Z module, four SMA connectors for differen-
tial input/output signals, a 2-pin header for measuring RF
differential signals using a differential probe, and three 2
mm jacks for the 3.3 V supply voltage and signal detect
(SD).
This application note describes the evaluation printed
circuit board (PCB), the test equipment, and the methods
for evaluating optical and electrical characteristics of the
the AFBR-5972Z transceiver module.
Figure 1. Evaluation board for the AFBR-5972Z transceiver module
Application Note Outline
1. Evaluation kit
2. Evaluation PCB description
3. Electro-optical test configurations
4. Evaluation board schematic and bill of materials
(BOM)
1. Evaluation kit
The AFBR-0544Z evaluation kit includes:
(a) Evaluation board with AFBR-5972Z module, four
SMA connectors, 2-pin header and three 2 mm jack
connectors and electronic components mounted on
bottom side of PCB
(b) 1 m simplex POF cable (NA = 0.5)
- P/No. HFBR-RNS001Z
(c) AFBR-4526Z duplex connector for AFBR-5972Z
(d) 1 m POF, with two AFBR-4526Z duplex connectors
- P/No. HFBR-RSD001Z
(To demonstrate only the mechanical properties of
the duplex connector)
Not included in the evaluation kit are:
(a) 3.3 V DC power supply and power supply cables
(b) Digitial multimeter
(c) MPI 1632C Digital Data Analyzer (Pattern generator)
(d) SDA 600A serial data analyzer (Oscilloscope)
(e) Femto (O/E) converter
(f) Differential probe


Similar Part No. - AFBR-0544Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-0545Z AVAGO-AFBR-0545Z Datasheet
272Kb / 5P
   The media converter kit includes
AFBR-0546Z AVAGO-AFBR-0546Z Datasheet
56Kb / 2P
   AFBR-1624Z and AFBR-2624Z unit
AFBR-0547Z AVAGO-AFBR-0547Z Datasheet
56Kb / 2P
   AFBR-1624Z and AFBR-2624Z unit
AFBR-0548Z AVAGO-AFBR-0548Z Datasheet
44Kb / 2P
   Connect 0V to GND pin of 3 pin connector
AFBR-0549Z AVAGO-AFBR-0549Z Datasheet
145Kb / 1P
   The AFBR-0549Z/AFBR-0550Z evaluation kits provide
More results

Similar Description - AFBR-0544Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2031 STMICROELECTRONICS-AN2031 Datasheet
210Kb / 12P
   EVALUATION BOARD DESCRIPTION
logo
Infineon Technologies A...
Z8F80147930 INFINEON-Z8F80147930 Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
logo
Melexis Microelectronic...
EVB71112 MELEXIS-EVB71112 Datasheet
628Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71111 MELEXIS-EVB71111 Datasheet
620Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71101 MELEXIS-EVB71101 Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
logo
Pulse A Technitrol Comp...
W3919XXXX PULSE-W3919XXXX Datasheet
706Kb / 11P
   Description: 5GHz PCB antenna
logo
Melexis Microelectronic...
EVB71122 MELEXIS-EVB71122 Datasheet
921Kb / 32P
   300 to 930MHz Receiver Evaluation Board Description
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB71120 MELEXIS-EVB71120_15 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com