Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF0553.154NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PF0553.154NL
Description  Shielded Drum Core
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PF0553.154NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PF0553.154NL Datasheet HTML 1Page - Pulse A Technitrol Company PF0553.154NL Datasheet HTML 2Page - Pulse A Technitrol Company PF0553.154NL Datasheet HTML 3Page - Pulse A Technitrol Company PF0553.154NL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
40
SPM2007 (4/08)
Single, coupled or (1:1) transformer applications
Footprint: PF0552NL - 12.5mm x 12.5mm x 6mm Max
PF0553NL - 12.5mm x 12.5mm x 8mm Max
Current Rating: up to 17.72A
Inductance Range: 0.47µH to 4mH
260°C reflow peak temperature qualified
200Vac isolation between windings
SMT POWER INDUCTORS
Shielded Drum Core
PF0552NL and PF0553NL Series
Inductance *
Inductance
Saturation 6
Heating 7
Core Loss 8
Part 2,3
@ 0ADC
@ Irated
Irated 5
DCR
Current ISAT
Current IDC
Factor
Connection **
Number
(µH ±20%)
(µH TYP)
(A)
(m
Ω MAX)
-30% (A)
+40°C(A)
(K2)
Mode
PF0552.471NL
0.49
0.49
14.2
1.6
33
14.2
100
Parallel
PF0552.102NL
0.91
0.91
12.9
2.4
24
12.9
140
Parallel
PF0552.152NL
1.5
1.5
12.4
2.9
18.4
12.4
180
Parallel
PF0552.471NL
2.0
2.0
7.1
6.4
16.4
7.1
210
Series
PF0552.222NL
2.2
2.2
11.1
3.9
15
11.1
210
Parallel
PF0552.332NL
3.1
3.1
10.1
5.8
12.8
10.1
250
Parallel
PF0552.102NL
3.6
3.6
6.5
9.6
11.8
6.5
270
Series
PF0552.472NL
5.3
4.7
8.5
9.2
9.8
8.5
330
Parallel
PF0552.152NL
5.9
5.9
6.2
12
9.2
6.2
350
Series
PF0552.682NL
6.6
6.6
7.3
12
8.8
7.3
370
Parallel
PF0552.822NL
8.1
8.1
6.5
18
7.8
6.5
410
Parallel
PF0552.222NL
8.8
8.8
5.6
16
7.5
5.6
430
Series
PF0552.103NL
9.7
9.7
6.0
19
7.2
6.0
450
Parallel
PF0552.332NL
12
12
5.0
23
6.4
5.0
490
Series
PF0552.153NL
15
15
5.5
24
5.8
5.5
550
Parallel
PF0552.472NL
21
19
4.3
37
4.9
4.3
660
Series
PF0552.223NL
22
22
4.6
35
4.8
4.6
670
Parallel
PF0552.682NL
27
27
3.7
48
4.4
3.7
760
Series
PF0552.822NL
32
32
3.3
66
3.9
3.3
810
Series
PF0552.333NL
34
33
3.7
54
3.9
3.7
840
Parallel
PF0552.103NL
39
39
3.0
73
3.6
3.0
900
Series
PF0552.473NL
47
47
3.2
69
3.2
3.3
980
Parallel
PF0552.153NL
61
60
2.8
97
2.9
2.8
1100
Series
PF0552.683NL
68
68
2.7
100
2.7
2.8
1200
Parallel
PF0552.823NL
84
82
2.4
130
2.4
2.4
1300
Parallel
PF0552.223NL
89
88
2.3
140
2.4
2.3
1400
Series
PF0552.104NL
100
100
2.2
160
2.2
2.3
1400
Parallel
PF0552.333NL
135
130
1.9
220
2.0
1.9
1700
Series
PF0552.154NL
150
150
1.8
230
1.8
1.8
1800
Parallel
PF0552.473NL
190
190
1.7
270
1.6
1.7
2000
Series
PF0552.224NL
220
220
1.4
350
1.5
1.4
2100
Parallel
PF0552.683NL
270
270
1.4
400
1.4
1.4
2400
Series
PF0552.823NL
330
330
1.2
530
1.2
1.2
2600
Series
PF0552.334NL
340
330
1.2
470
1.2
1.2
2700
Parallel
PF0552.104NL
410
400
1.1
640
1.1
1.1
2900
Series
PF0552.474NL
470
470
1.0
690
1.0
1.0
3100
Parallel
PF0552.154NL
600
600
0.88
930
0.91
0.88
3500
Series
PF0552.684NL
680
680
0.81
1000
0.86
0.81
3700
Parallel
PF0552.824NL
830
830
0.69
1400
0.78
0.69
4100
Parallel
PF0552.224NL
870
870
0.71
1400
0.76
0.71
4200
Series
PF0552.105NL
1000
1000
0.65
1600
0.70
0.65
4500
Parallel
PF0552.334NL
1300
1300
0.61
1900
0.62
0.61
5100
Series
PF0552.474NL
1900
1900
0.51
2700
0.51
0.51
6300
Series
PF0552.684NL
2700
2700
0.4
4100
0.43
0.4
7400
Series
PF0552.824NL
3300
3300
0.34
5500
0.39
0.34
8200
Series
PF0552.105NL
4000
4000
0.32
6400
0.35
0.32
9100
Series
NOTES FROM TABLE: (See page 43)
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +125°C 6


Similar Part No. - PF0553.154NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0553.154NL PULSE-PF0553.154NL Datasheet
320Kb / 4P
   SMT POWER INDUCTORS Shielded Drum Core
More results

Similar Description - PF0553.154NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
   Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
   Shielded Drum Core
P1168.501NL PULSE-P1168.501NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1167NL PULSE-P1167NL Datasheet
245Kb / 2P
   Shielded Drum Core
PG0085NL PULSE-PG0085NL Datasheet
190Kb / 2P
   Shielded Drum Core
P1166NL PULSE-P1166NL Datasheet
245Kb / 2P
   Shielded Drum Core
PG0087NL PULSE-PG0087NL Datasheet
264Kb / 2P
   Shielded Drum Core
P1170.901NL PULSE-P1170.901NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1172.132NL PULSE-P1172.132NL Datasheet
227Kb / 2P
   Shielded Drum Core
PA4335.241NLT PULSE-PA4335.241NLT Datasheet
293Kb / 2P
   Shielded Drum Core
PA4334.221NLT PULSE-PA4334.221NLT Datasheet
321Kb / 3P
   Shielded Drum Core
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com