Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAH58-WB Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # SAH58-WB
Description  High-gain in a small form factor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SAH58-WB Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  SAH58-WB Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Innovative Technology
for a Connected World
global solutions: local support
TM
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +1.32.80.7866.12
IAS-EUSales@lairdtech.com
Asia: +1.65.6.243.8022
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
5470-5850 MHz HORIZONTALLY POLARIZED WIDE-BAND SECTOR ANTENNA
The horizontally polarized sector antenna systems offered by Laird Technologies are constructed of UV stable ABS plastic radomes
and die cast aluminum brackets for long service life in the most demanding conditions. The horizontal polarization allows for reduced
interference potential in systems which are installed in areas with high levels of vertically polarized RF noise or where the system
manager wants to avoid potential future problems with interference. The super heavy duty bracket system is easy to install and adjust
for up to 15° of downtilt. The single point bracket allows for easy deployment of multiple sectors around a single pole.
FEATURES
• Wide-bandoperation
• Horizontallypolarized
• High-gaininasmallformfactor
• TypeNfemaleintegratedconnector
• Completelyweatherproof
HORIZONTALLY POLARIZED
SECTOR ANTENNAS
SAH58-WB
PARAMETER
SAH58-120-16-WB SAH58-90-17-WB
Frequency range
5400-5850MHz
5400-5850MHz
VSWR
1.5:1
1.5:1
Impedance
50 ohm
50 ohm
Input power
100W
100W
Pole diameter (OD)
1.5-3in(38-76mm)
1.5-3in(38-76mm)
Operating temperature
-40to+70°C
-40to+70°C
Gain
15 dBi
17dBi
Horizontalbeamwidth
120°
90°
Vertical beamwidth
Polarization
Horizontal
Horizontal
Front-to-back
>25 dB
>26dB
Mechanicaldowntilt
15°
15°
Weight
2.6lbs(1.2kg)
2.6lbs(1.2kg)
Dimensions(LxWxH)
22x5x2.8in
(554x125x71mm)
22x5x2.8in
(554x125x71mm)
MARKETS
• 5.8GHzU-NIIbandapplications
• Basestationantennas
• Point-to-multi-pointsystems
• 802.11aapplications
• WiMAX
ANT-DS-SAH58-WB0611
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials rests with the end user,
sinceLairdTechnologiesanditsagentscannotbeawareofallpotentialuses.LairdTechnologiesmakesnowarrantiesastothefitness,merchantabilityorsuitabilityofanyLairdTechnologiesmaterialsor
productsforanyspecificorgeneraluses.LairdTechnologiesshallnotbeliableforincidentalorconsequentialdamagesofanykind.AllLairdTechnologiesproductsaresoldpursuanttotheLairdTechnologies’
TermsandConditionsofsaleineffectfromtimetotime,acopyofwhichwillbefurnisheduponrequest.©Copyright2011LairdTechnologies,Inc.AllRightsReserved.Laird,LairdTechnologies,theLaird
TechnologiesLogo,andothermarksaretrademarksorregisteredtrademarksofLairdTechnologies,Inc.oranaffiliatecompanythereof.Otherproductorservicenamesmaybethepropertyofthirdparties.
NothinghereinprovidesalicenseunderanyLairdTechnologiesoranythirdpartyintellectualpropertyrights.
WIND LOADING
MODEL
SQ.IN 100 MPH
125 MPH
SAH58-WB 110
27.5lb
43lb
SYSTEM ORDERING
SAH58-120-16-WB 5400-5850MHz120°,15dBi,wide-bandHPOLsectorantenna
SAH58-90-17-WB 5400-5850MHz90°,17dBi,wide-bandHPOLsectorantenna
SAH58-120-16-WB
Azimuth
ANTENNA PATTERNS
SAH58-90-17-WB
Azimuth


Similar Part No. - SAH58-WB

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SAH SHARMA-SAH Datasheet
450Kb / 2P
   Tantalum Capacitors
logo
Laird Tech Smart Techno...
SAH-2400-120-002 LSTD-SAH-2400-120-002 Datasheet
436Kb / 1P
   Integral N-female connector
SAH-2400-120-12 LSTD-SAH-2400-120-12 Datasheet
688Kb / 1P
   Integral N-female connector
logo
Siemens Semiconductor G...
SAH-C515 SIEMENS-SAH-C515 Datasheet
911Kb / 160P
   8-Bit CMOS Microcontroller
SAH-C515A-4R SIEMENS-SAH-C515A-4R Datasheet
1Mb / 182P
   8-Bit CMOS Microcontroller
More results

Similar Description - SAH58-WB

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL904XXX MICREL-PL904XXX Datasheet
579Kb / 15P
   a small form-factor, high performance, programmable device
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
   Small Form Factor CRB
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
   SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
   Small Form Factor CRB
February 25, 2022
logo
TE Connectivity Ltd
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
   Small Form-Factor Pluggable
408-32163 TEC-408-32163 Datasheet
409Kb / 4P
   Enhanced Small Form-Factor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com