Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA-045-12-02-00-00 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # LA-045-12-02-00-00
Description  Precise temperature control
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

LA-045-12-02-00-00 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  LA-045-12-02-00-00 Datasheet HTML 1Page - Laird Tech Smart Technology LA-045-12-02-00-00 Datasheet HTML 2Page - Laird Tech Smart Technology LA-045-12-02-00-00 Datasheet HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 LA‐045‐12‐02‐00‐00 
Liquid‐to‐Liquid Thermoelectric Assembly 
 
 
 
 
 
SPECIFICATIONS 
TECHNICAL 
 
Technology 
Thermoelectric based 
Cooling at ΔT = 0°C 
43 W  
Voltage (nominal / maximum) 
1 
12/15 VDC  
Grounding (all voltages) 
Positive or negative  
Current draw, ±10%  
(nominal / startup) 
3.7/4.3 A 
Weight  
1.5 kg 
MTBF (fans) 
50,000 hours 
ENVIRONMENTAL 
 
Temperature range ‐10°C to +52°C  
Over temp Thermostat 
75°C±5°C  (hot side heat sink) 
 


Similar Part No. - LA-045-12-02-00-00

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
LA-045-24-02-00-00 LSTD-LA-045-24-02-00-00 Datasheet
303Kb / 3P
   Precise temperature control
More results

Similar Description - LA-045-12-02-00-00

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DA-075-12-02 LSTD-DA-075-12-02 Datasheet
754Kb / 2P
   Precise temperature control
PC4 LSTD-PC4 Datasheet
584Kb / 2P
   Precise temperature control
AA-034-12-22 LSTD-AA-034-12-22 Datasheet
976Kb / 2P
   Precise temperature control
DA-115-24-02 LSTD-DA-115-24-02 Datasheet
870Kb / 2P
   Precise temperature control
DA-039-12-02 LSTD-DA-039-12-02 Datasheet
908Kb / 2P
   Precise temperature control
HT2 LSTD-HT2 Datasheet
580Kb / 2P
   Precise Temperature Control
HT6 LSTD-HT6 Datasheet
353Kb / 2P
   Precise Temperature Control
DAC-060-24-02 LSTD-DAC-060-24-02 Datasheet
777Kb / 2P
   Precise temperature control
LA-115-24-02-00-00 LSTD-LA-115-24-02-00-00 Datasheet
300Kb / 3P
   Precise temperature control
MS5 LSTD-MS5 Datasheet
536Kb / 2P
   Precise temperature control
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com