Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0841NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P0841NL
Description  Simple Switcher
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0841NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P0841NL Datasheet HTML 1Page - Pulse A Technitrol Company P0841NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
77
SPM2007 (11/07)
In Circuit Operating Parameters 1
Package
Pulse 5
Pulse 4,5
National
Nominal
Rated
Max 2
Nominal
THT Part
SMT Part
Part
Inductance
Current
ETOP
DCR
Through
Surface
Lead
Number
Number
Number
(µH)
(ADC)
(V-µSec)
(
Ω)
Hole
Mount
Diameter
P0841NL
LM267X-L41
22.8
4.9
23.3
.036
KM-3.0
.035
P0845NL
LM267X-L45
10.2
4.3
10.0
.026
KM-1.1
.031
P0846NL
LM267X-L46
14.8
5.0
17.0
.023
KM-2.1
.035
P0847NL
LM267X-L47
10
5.0
13.0
.025
KM-2.0
.031
P0848NL
LM267X-L48
50
5.0
40.0
.050
KM-4.0
.039
P0849NL
LM267X-L49
33
5.0
36.0
.047
KM-4.0
.035
P0850NL
LM267X-L50
23
5.0
24.0
.026
KM-3.0
.043
P0841SNL
LM267X-L41
22.8
4.9
23.3
.036
HCI-68
P0845SNL
LM267X-L45
10
4.3
10.0
.050
LCI-44
P0846SNL
LM267X-L46
15
5.0
17.0
.027
LCI-50
P0847SNL
LM267X-L47
11
5.0
13.0
.025
LCI-50
P0848SNL
LM267X-L48
52 6
5.0
40.0
.025
Bigfoot
P0849SNL
LM267X-L49
36 6
5.0
36.0
.019
Bigfoot
P0850SNL
LM267X-L50
24.7 6
5.0
24.0
.013
Bigfoot
Electrical Specifications @ 25°C— Operating Temperature -40°C to +130°C 7
Tested and recommended by National
Semiconductor for the LM267X series
Base material meets flammability
requirements of UL 94V-0
Available in surface mount and through
hole versions
PKG
A
B
C
D
E
KM-1.1
.350
.580
.715
.290
.110
8,89
14,74 18,17
7,37
2,80
KM-2.0
.450
.650
.700
.325
.150
11,43
21,08 17,78
8,26
3,81
KM-2.1
.460
.670
.750
.335
.150
11,69
17,02 19,05
8,51
3,81
KM-3.0
.450
.830
.950
.415
.150
11,43
21,09 24,13
10,55
3,81
KM-4.0
.600
.950
1.350
.475
.225
15,24
24,13 34,29
12,07
5,72
E TYP
2E
PE-XXXXX
DATE CODE
COUNTRY OF ORIGIN
A ± .005
0,13
D TYP
C MAX
B± .005
0,13
.130 ± .020
3,31 ± 0,51
KlipMount™ Series
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
THT/SMT POWER INDUCTORS
Toroid - Designed for National’s 260kHz
Simple Switcher
Notes :
1. Inductance values may vary ±20%.
2. ETop rated at 260kHz.
3. SIMPLE SWITCHER™ is a trademark of National Semiconductor
Corporation.
4. For SMT parts, optional Tape & Reel packaging can be ordered by adding
a "T" suffix to the part number (i.e. P0841SNL becomes P0841SNLT).
Pulse complies to industry standard tape and reel specification EIA481.
5. The "NL" suffix indicates an RoHS-compliant part number. Non-NL
suffixed parts are not necessarily RoHS compliant, but are electrically
and mechanically equivalent to NL versions. If a part number does not
have the "NL" suffix, but an RoHS compliant version is required, please
contact Pulse for availability.
6. Series connection (pins 2-4 connected)
7. The temperature of the component (ambient plus temperature rise) must
be within the stated operating temperature range.


Similar Part No. - P0841NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   Toroid - Designed for Nationals 260kHz Simple Switcher
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   THT/SMT POWER INDUCTORS
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   THT/SMT POWER INDUCTORS
More results

Similar Description - P0841NL

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LM2590HV TI1-LM2590HV_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
LM2596-ADJ TI1-LM2596-ADJ Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
List of Unclassifed Man...
AE2596 ETC-AE2596 Datasheet
449Kb / 13P
   SIMPLE SWITCHER POWER CONVERTER
logo
Texas Instruments
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com