Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLI2300 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FLI2300
Description  DIGITAL VIDEO FORMAT CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FLI2300 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FLI2300 Datasheet HTML 1Page - List of Unclassifed Manufacturers FLI2300 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Genesis Microchip Inc.
2150 Gold Street, P.O. Box 2150, Alviso, CA USA 95002, Tel 408-262-6599, Fax 408-262-6365
165 Commerce Valley Dr. West, Thornhill, ON Canada L3T 7V8, Tel 905-889-5400, Fax 905-889-5422
George Thangiah Complex(E), 2nd Flr, 80 Feet Road, Jeevan Bhima Nagar, Bangalore 560 075, India, Tel 91-80-526 3878, Fax 91-80-529 6245
4F, No. 57, Sing Jung Road, NeiHu Taipei, Taiwan 114, R.O.C, Tel 886-2-2791-0118, Fax 886-2-2791-0196
143-37 Hyundai Tower, #902, Samsung-dong, Kangnam-gu, Seoul, Korea 135-090, Tel 82-2-553-5693, Fax 82-2-552-4942
Rm2614-2618 Shenzhen Office Tower, 6007 Shennan Blvd, 518040, Shenzhen, Guangdong, P.R.C., Tel 86-755-83860101, Fax 86-755-83867874
#310-311 Century Financial Tower, No. 1, Su Hua Road, Suzhou Industrial Park, Suzhou, Jiangsu Province, P.R.C., 215021 Tel 86-512-67620380, Fax 86-512-67620385
2-9-5 Higashigotanda, Shinagawa-ku, Tokyo, 141-0022, Japan, Tel 81-3-5798-2758, Fax 81-3-5798-2759
www.genesis-microchip.com
FLI2300
Digital Video Format Converter
Product Brief
March 2003, document C0702-PBR-01B
The FLI2300 is a highly integrated digital video
format converter for DTV and DVD applications
using patented deinterlacing and post processing
algorithms from Faroudja
®, coupled with highly
flexible scaling, a wide variety of aspect ratio
conversions, and other special video enhancing
features to produce the highest quality image.
INPUTS –
Input all industry standard and non-standard
video resolutions, including 480i (NTSC), 576i
(PAL/SECAM), 480p, 720p, 1080i, and VGA to
SXGA
Digital input, 8-bit Y/Cr/Cb (ITU-R BT656), 8-bit
Y/Pr/Pb, 16-bit Y Cr/Cb (ITU-R BT601), 24-bit
RGB, YCrCb, YPrPb
Input pixel rate up to 75 MHz maximum
OUTPUTS –
Output resolutions include 480p, 576i, 576p,
720p, 1080i, 1080p, and VGA to SXGA
Interlaced or Progressive output
Output can be either analog YUV/RGB (through
the integrated 10-bit DAC), or digital 24-bit
RGB, YCrCb, YPrPb (4:4:4), or digital 16/20-bit
Y Cr/Cb (4:2:2)
Output pixel rate up to 150 MHz maximum
FRONT END PROCESSING –
Motion Adaptive Noise Reduction - Improves
picture quality for off-air material.
Cross Color Suppressor (CCS) - Removes
cross color artifacts in composite video signals
due to poor Y/C separation in standard 2D
video decoders, eliminating the need for
expensive 3D video decoders.
FORMATS –
Input color manipulation matrix supports all
color spaces: RGB, YPrPb, 4:4:4 YCrCb, 4:2:2
YCr/Cb, ITU-R BT656, ITU-R BT601
Output supports analog RGB, YPrPb, YCrCb,
and digital RGB, YPrPb, 4:4:4 YCrCb, 4:2:2
YCr/Cb
DEINTERLACING –
Per-pixel Motion Adaptive Deinterlacing
Patented FilmMode Processing - Used for
proper de-interlacing of 3:2 and 2:2 pulldown
material.
Edit Correction - Film content is continuously
monitored for any break in sequence caused by
“bad edits” and quickly compensates for the
most effective reduction in artifacts.
DCDi™ by Faroudja - Video is analyzed on a
single pixel granularity to detect presence or
absence of angled lines and edges, which are
then processed to produce a smooth & natural
looking image without visible artifacts or
“jaggies”.
SCALING –
High Quality Fully Programmable Two
Dimensional Scaler
Aspect Ratio Conversion for “Anamorphic” or
“Panoramic” (non-linear)
Display 4:3 images on 16:9 displays and vice
versa, including Letterbox to Fullscreen,
Pillarbox, and Subtitle Display Modes
FRC –
Tearless Frame Rate Conversion,
50/60/72/75/100/120 Hz.
MEMORY –
32-bit wide SDRAM (i.e. one 2Mx32bit, or two
1Mx16bit), up to 166 MHz operation
SPECIFICATIONS –
2-Wire control interface
0.18u technology, 1.8V/3.3V operation
208 pin PQFP package
525P Macrovision output option (FLI2301 part)


Similar Part No. - FLI2300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
   Digital Video Format Converter
More results

Similar Description - FLI2300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
   Digital Video Format Converter
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
   Digital Video Format Converter Product Brief
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
   Video Format Converter
logo
Asahi Kasei Microsystem...
AK8854VQ AKM-AK8854VQ Datasheet
1Mb / 95P
   Multi-Format Digital Video Decoder
logo
National Semiconductor ...
AVC2510 NSC-AVC2510 Datasheet
455Kb / 2P
   Dual-Channel Video Format Converter
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
   Low Cost Video Format Converter
October 14, 2014
logo
LOGIC Devices Incorpora...
LF3370 LODEV-LF3370 Datasheet
412Kb / 24P
   High-Definition Video Format Converter
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
   Low Cost Video Format Converter
logo
National Semiconductor ...
AVC5000 NSC-AVC5000 Datasheet
534Kb / 3P
   Integrated Dual 3D Video Format Converter
EVL2510 NSC-EVL2510 Datasheet
536Kb / 2P
   Evaluation System for AVC2510 Dual-Channel Video Format Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com