Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA-115-24-02 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # DA-115-24-02
Description  Precise temperature control
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

DA-115-24-02 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  DA-115-24-02 Datasheet HTML 1Page - Laird Tech Smart Technology DA-115-24-02 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
DA PowerCool Series, DA-115-24-02
Thermoelectric Assembly
THR-DS-DA-115-24-02 0510
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird Technologies materials rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to
the fitness, merchantability or suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential
damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon
request. © Copyright 2010 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird
Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third
party intellectual property rights.
iSometriC DrAwingS
moUnting hole loCAtion
wiring SChemAtiC
Electrical connections:
“+”:
+TEM
“– ”:
– TEM
“F+”:
+Fan(s)
“F– ”: – Fan(s)
To use single supply:
Lift the jumpers and rotate 90° to short-cut
the pin pairs.
Connect the unit to “+” & “–”.
Warning: Single supply not applicable in
heating mde or with PWM-regulation.
noteS
For indoor use only
Thermally Conductive Grease enclosed
Overheating Thermostat: 75°C ± 5°C on hot side heat sink surface


Similar Part No. - DA-115-24-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA-10 ETC2-DA-10 Datasheet
442Kb / 6P
   DS, DP, DA Series
DA-10-T ETC2-DA-10-T Datasheet
442Kb / 6P
   DS, DP, DA Series
DA-10BU-T-V ETC2-DA-10BU-T-V Datasheet
442Kb / 6P
   DS, DP, DA Series
DA-10KU-T-V ETC2-DA-10KU-T-V Datasheet
442Kb / 6P
   DS, DP, DA Series
DA-12 ETC2-DA-12 Datasheet
442Kb / 6P
   DS, DP, DA Series
More results

Similar Description - DA-115-24-02

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DA-075-12-02 LSTD-DA-075-12-02 Datasheet
754Kb / 2P
   Precise temperature control
PC4 LSTD-PC4 Datasheet
584Kb / 2P
   Precise temperature control
AA-034-12-22 LSTD-AA-034-12-22 Datasheet
976Kb / 2P
   Precise temperature control
DA-039-12-02 LSTD-DA-039-12-02 Datasheet
908Kb / 2P
   Precise temperature control
HT2 LSTD-HT2 Datasheet
580Kb / 2P
   Precise Temperature Control
HT6 LSTD-HT6 Datasheet
353Kb / 2P
   Precise Temperature Control
DAC-060-24-02 LSTD-DAC-060-24-02 Datasheet
777Kb / 2P
   Precise temperature control
LA-045-12-02-00-00 LSTD-LA-045-12-02-00-00 Datasheet
307Kb / 3P
   Precise temperature control
LA-115-24-02-00-00 LSTD-LA-115-24-02-00-00 Datasheet
300Kb / 3P
   Precise temperature control
MS5 LSTD-MS5 Datasheet
536Kb / 2P
   Precise temperature control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com