Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC7211 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC7211
Description  Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7211 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC7211 Datasheet HTML 1Page - National Semiconductor (TI) LMC7211 Datasheet HTML 2Page - National Semiconductor (TI) LMC7211 Datasheet HTML 3Page - National Semiconductor (TI) LMC7211 Datasheet HTML 4Page - National Semiconductor (TI) LMC7211 Datasheet HTML 5Page - National Semiconductor (TI) LMC7211 Datasheet HTML 6Page - National Semiconductor (TI) LMC7211 Datasheet HTML 7Page - National Semiconductor (TI) LMC7211 Datasheet HTML 8Page - National Semiconductor (TI) LMC7211 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMC7211
Tiny CMOS Comparator with Rail-to-Rail Input and
Push-Pull Output
General Description
The LMC7211 is a micropower CMOS comparator available
in the space saving SOT23-5 package. This makes the com-
parator ideal for space and weight critical designs. The
LMC7211 is supplied in two offset voltage grades, 5 mV and
15 mV.
The main benefits of the Tiny package are most apparent in
small portable electronic devices, such as mobile phones,
pagers, notebook computers, personal digital assistants,
and PCMCIA cards. The rail-to-rail input voltage makes the
LMC7211 a good choice for sensor interfacing, such as light
detector circuits, optical and magnetic sensors, and alarm
and status circuits.
The Tiny Comparator’s outside dimensions (length x width x
height) of 3.05mm x 3.00mm x 1.43mm allow it to fit into tight
spaces on PC boards.
Features
n Tiny SOT 23-5 package saves space
n Package is less than 1.43 mm thick
n Guaranteed specs at 2.7V, 5V, 15V supplies
n Typical supply current 7 µA at 5V
n Response time of 4 µs at 5V
n LMC7211 — push-pull output
n Input common-mode range beyond V− and V+
n Low input current
Applications
n Battery Powered Products
n Notebooks and PDAs
n PCMCIA cards
n Mobile Communications
n Alarm and Security circuits
n Direct Sensor Interface
n Replaces amplifiers used as comparators with better
performance and lower current
Connection Diagrams
Package
Ordering
NSC Drawing
Package
Transport Media
Information
Number
Marking
8-Pin SO-8
LMC7211AIM
M08A
LM7211AIM
Rails
LMC7211AIMX
M08A
LM7211AIM
2.5k Units Tape and Reel
LMC7211BIM
M08A
LM7211BIM
Rails
LMC7211BIMX
M08A
LM7211BIM
2.5k Units tape and Reel
5-Pin SOT 23-5
LMC7211AIM5
MA05A
C00A
1k Units Tape and Reel
LMC7211AIM5X
MA05A
C00A
3k Units Tape and Reel
LMC7211BIM5
MA05A
C00B
1k Units Tape and Reel
LMC7211BIM5X
MA05A
C00B
3k Units Tape and Reel
8-Pin SO-8
DS012337-1
Top View
5-Pin SOT23-5
DS012337-2
Top View
September 1999
© 1999 National Semiconductor Corporation
DS012337
www.national.com


Similar Part No. - LMC7211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI-LMC7211-N Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 23P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results

Similar Description - LMC7211

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
logo
National Semiconductor ...
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com