Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC7211 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC7211
Description  Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7211 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC7211 Datasheet HTML 1Page - National Semiconductor (TI) LMC7211 Datasheet HTML 2Page - National Semiconductor (TI) LMC7211 Datasheet HTML 3Page - National Semiconductor (TI) LMC7211 Datasheet HTML 4Page - National Semiconductor (TI) LMC7211 Datasheet HTML 5Page - National Semiconductor (TI) LMC7211 Datasheet HTML 6Page - National Semiconductor (TI) LMC7211 Datasheet HTML 7Page - National Semiconductor (TI) LMC7211 Datasheet HTML 8Page - National Semiconductor (TI) LMC7211 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
5.0V and 15.0V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5.0V and 15V, V= 0V, V
CM = VO = V
+/2. Boldface lim-
its apply at the temperature extremes.
Typ
LMC7211AI
LMC7211BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
TCV
OS
Input Offset Voltage
V
+ = 5V
1.0
µV/˚C
Temperature Drift
V
+ = 15V
4.0
Input Offset Voltage
V
+ = 5V
3.3
µV/Month
Average Drift
V
+ = 15V
4.0
I
B
Input Current
0.04
pA
I
OS
Input Offset Current
0.02
pA
CMRR
Common Mode
V+ = 5.0V
75
dB
Rejection Ration
V+ = 15.0V
82
dB
PSRR
Power Supply
5V
≤ V+ ≤ 10V
80
dB
Rejection Ratio
A
V
Voltage Gain
100
dB
CMVR
Input Common-Mode
V+ = 5.0V
5.3
5.2
5.2
V
Voltage Range
CMRR > 55 dB
5.0
5.0
min
V+ = 5.0V
−0.3
−0.2
−0.2
V
CMRR > 55 dB
0.0
0.0
max
V+ = 15.0V
15.3
15.2
15.2
V
CMRR > 55 dB
15.0
15.0
min
V+ = 15.0V
−0.3
−0.2
−0.2
V
CMRR > 55 dB
0.0
0.0
max
V
OH
Output Voltage High
V+ = 5V
4.8
4.6
4.6
mV
I
load = 5mA
4.45
4.45
min
V+ = 15V
14.8
14.6
14.6
mV
I
load = 5mA
14.45
14.45
min
V
OL
Output Voltage Low
V+ = 5V
0.2
0.40
0.40
mV
I
load = 5mA
0.55
0.55
max
V+ = 15V
0.2
0.40
0.40
mV
I
load = 5mA
0.55
0.55
max
I
S
Supply Current
V
OUT = Low
7
14
14
µA
18
18
max
I
SC
Short Circuit Current
Sourcing
30
mA
Sinking (Note 8)
45
mA
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2. Boldface limits apply at
the temperature extreme.
Typ
LMC7211AI
LMC7211BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
t
rise
Rise Time
f = 10 kHz, Cl = 50 pF,
0.3
µs
Overdrive = 10 mV (Note 9)
t
fall
Fall Time
f = 10 kHz, Cl = 50 pF,
0.3
µs
Overdrive = 10 mV (Note 9)
www.national.com
3


Similar Part No. - LMC7211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI-LMC7211-N Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 23P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results

Similar Description - LMC7211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com