Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCR8819M3 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # HCR8819M3
Description  Conformance to RoHS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

HCR8819M3 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  HCR8819M3 Datasheet HTML 1Page - Laird Tech Smart Technology HCR8819M3 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IAS-HCR
8819M3_031715
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of Laird materials rests with the end
user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or suitability of any Laird materials or products for any specific or general uses. Laird shall not be
liable for incidental or consequential damages of any kind. All Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015
Laird Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trademarks or registered trademarks of Laird Inc. or an affiliate company thereof. Other product or service names may be the property of
third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
880-960 MHz/1710-1880 MHz/1850-1990 MHz
Rotatable Shell Omni-Directional Antenna
HCR8819M3
RADIATION PATTERNS: 30 cm Ground Plane
Radiation Pattern at 880 MHz
Radiation Pattern at 960 MHz
Radiation Pattern at 1710 MHz
Radiation Pattern at 1990 MHz


Similar Part No. - HCR8819M3

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HCR8065M LSTD-HCR8065M Datasheet
513Kb / 2P
   Conformance to RoHS
HCR8065M3NBL-001 LSTD-HCR8065M3NBL-001 Datasheet
310Kb / 1P
   ASSEMBLYANDINSTALLATIONINSTRUCTIONS
HCR8065M3NBL-001 LSTD-HCR8065M3NBL-001 Datasheet
513Kb / 2P
   Conformance to RoHS
HCR8065M3NBN-001 LSTD-HCR8065M3NBN-001 Datasheet
311Kb / 1P
   ASSEMBLYANDINSTALLATIONINSTRUCTIONS
HCR8065M3NBN-001 LSTD-HCR8065M3NBN-001 Datasheet
513Kb / 2P
   Conformance to RoHS
More results

Similar Description - HCR8819M3

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DBA6927C1 LSTD-DBA6927C1 Datasheet
2Mb / 2P
   Conformance to RoHS
OP24516DS LSTD-OP24516DS Datasheet
2Mb / 2P
   Conformance to RoHS
HCR8210M3 LSTD-HCR8210M3 Datasheet
1Mb / 2P
   Conformance to RoHS
DBA6927C1-FSMAF LSTD-DBA6927C1-FSMAF Datasheet
2Mb / 2P
   Conformance to RoHS
HCR8065M LSTD-HCR8065M Datasheet
513Kb / 2P
   Conformance to RoHS
OP51508T LSTD-OP51508T Datasheet
1Mb / 2P
   Conformance to RoHS
PAV69278O LSTD-PAV69278O Datasheet
1Mb / 3P
   Conformance
logo
Keysight Technologies
T4010S KEYSIGHT-T4010S Datasheet
2Mb / 8P
   Conformance Test System
logo
M/A-COM Technology Solu...
28478-ERR-003-A MA-COM-28478-ERR-003-A_15 Datasheet
53Kb / 3P
   MUSYCC Non-Conformance
28478-ERR-003-A MA-COM-28478-ERR-003-A Datasheet
53Kb / 3P
   MUSYCC Non-Conformance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com