Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VEML6075 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VEML6075
Description  UVA and UVB Light Sensor with I2C Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VEML6075 Datasheet(HTML) 1 Page - Vishay Siliconix

  VEML6075 Datasheet HTML 1Page - Vishay Siliconix VEML6075 Datasheet HTML 2Page - Vishay Siliconix VEML6075 Datasheet HTML 3Page - Vishay Siliconix VEML6075 Datasheet HTML 4Page - Vishay Siliconix VEML6075 Datasheet HTML 5Page - Vishay Siliconix VEML6075 Datasheet HTML 6Page - Vishay Siliconix VEML6075 Datasheet HTML 7Page - Vishay Siliconix VEML6075 Datasheet HTML 8Page - Vishay Siliconix VEML6075 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VEML6075
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 23-Nov-16
1
Document Number: 84304
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
UVA and UVB Light Sensor with I2C Interface
DESCRIPTION
The VEML6075 senses UVA and UVB light and incorporates
photodiode, amplifiers, and analog / digital circuits into a
single chip using a CMOS process. When the UV sensor is
applied, it is able to detect UVA and UVB intensity to provide
a measure of the signal strength as well as allowing for UVI
measurement.
The VEML6075 provides excellent temperature compensation
capability for keeping the output stable under changing
temperature. VEML6075’s functionality is easily operated via
the simple command format of I2C (SMBus compatible)
interface protocol. VEML6075’s operating voltage ranges
from 1.7 V to 3.6 V. VEML6075 is packaged in a lead (Pb)-free
4 pin OPLGA package which offers the best market-proven
reliability.
FEATURES
• Package type: surface mount
• Dimensions (L x W x H in mm): 2.0 x 1.25 x 1.0
• Integrated modules: ultraviolet sensor (UV), and
signal conditioning IC
• Converts solar UV light intensity to digital data
• Excellent UVA and UVB sensitivity
• Reliable
performance
of
UV
radiation
measurement
under
long
time
solar
UV
exposure
• 16-bit resolution per channel
• UVA and UVB individual channel solution
• Low power consumption I2C protocol (SMBus compatible)
interface
• Package: OPLGA
• Temperature compensation: -40 °C to +85 °C
• Output type: I2C bus
• Operation voltage: 1.7 V to 3.6 V
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Handheld device
• Notebook
• Consumer device
• Industrial and medical application
Note
(1) Adjustable through I2C interface
Note
(1) MOQ: minimum order quantity
PRODUCT SUMMARY
PART NUMBER
OPERATING
VOLTAGE RANGE
(V)
I2C BUS
VOLTAGE RANGE
(V)
PEAK SENSITIVITY
UVA, UVB
(nm)
RANGE OF SPECTRAL
BANDWIDTH
λ0.5
(nm)
OUTPUT CODE
VEML6075
1.7 to 3.6
1.7 to 3.6
365, 330
± 10
16 bit, I2C
ORDERING INFORMATION
ORDERING CODE
PACKAGING
VOLUME (1)
REMARKS
VEML6075
Tape and reel
MOQ: 2500 pcs
2.0 mm x 1.25 mm x 1.0 mm


Similar Part No. - VEML6075

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEML6070 VISHAY-VEML6070 Datasheet
218Kb / 13P
UVA Light Sensor with I2C Interface
Rev. 1.7, 05-Dec-16
More results

Similar Description - VEML6075

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
Ambient Light Sensor with I2C digital interface
logo
Integrated Device Techn...
ZOPT2202 IDT-ZOPT2202 Datasheet
1Mb / 41P
Digital UVA / UVB Energy Sensor
ZOPT2201 IDT-ZOPT2201 Datasheet
1Mb / 44P
Digital Ambient Light and UVB Energy Sensor
logo
Vishay Siliconix
VEML6070 VISHAY-VEML6070 Datasheet
218Kb / 13P
UVA Light Sensor with I2C Interface
Rev. 1.7, 05-Dec-16
logo
Everlight Electronics C...
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Renesas Technology Corp
ZOPT2201 RENESAS-ZOPT2201 Datasheet
1Mb / 45P
Digital Ambient Light and UVB Energy Sensor
September 2, 2016
ZOPT2202 RENESAS-ZOPT2202 Datasheet
1Mb / 42P
Digital UVA / UVB Energy Sensor
September 21, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com