Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA-039-12-02 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # DA-039-12-02
Description  Precise temperature control
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

DA-039-12-02 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  DA-039-12-02 Datasheet HTML 1Page - Laird Tech Smart Technology DA-039-12-02 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
DA Tunnel Series, DA-039-12-02
Thermoelectric Assembly
Tunnel SerieS DirecT-To-Air ThermoelecTric ASSembly
The DA Tunnel Series is a Direct-to-Air thermoelectric assembly (TEA) that minimizes the
number of airflow paths required to operate. It offers dependable, compact performance
by cooling objects via conduction. Heat is absorbed and dissipated through a high density
heat exchanger equipped with an air ducted shroud and a brand name fan. The thermoelectric
modules are custom designed to achieve a high coefficient of performance (COP) to
minimize power consumption. Custom configurations are available, however, MOQ applies.
FeATureS
• TunnelSeriescompactdesign
• Precisetemperaturecontrol
• Reliablesolid-stateoperation
• DCoperation
• RoHScompliant
Americas: +1.888.246.9050
Europe: +46.31.704.67.57
Asia: +86.755.2714.1166
CLV-customerservice@lairdtech.com
www.lairdtech.com/thermal
ApplicATionS
• Analyticalinstrumentation
• Medicaldiagnostics
• Photonicslasersystems
• Industrialinstrumentation
• Foodandbeveragecooling
Specifications
Cooling Power Qcmax (W)
40.2
RunningCurrent(A)
3.9
Startup Current (A)
4.5
Nominal Voltage (V)
12
Max Voltage (V)
14.7
Power Input (W)
46.8
Operating Temperature (°C)
-10 to 45
Weight (kg)
0.7
MTBF(fans–hrs)
40,000
Performance Tolerance
±10%
Qc vs dT
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
40
45
50
dT (°C)
perFormAnce curve


Similar Part No. - DA-039-12-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA-03 ETC2-DA-03 Datasheet
442Kb / 6P
   DS, DP, DA Series
DA-03-T ETC2-DA-03-T Datasheet
442Kb / 6P
   DS, DP, DA Series
logo
Laird Tech Smart Techno...
DA-033-12-02 LSTD-DA-033-12-02 Datasheet
947Kb / 2P
   Precise temperature control
DA-034-24-02 LSTD-DA-034-24-02 Datasheet
871Kb / 2P
   Reliable solid-state operation
logo
List of Unclassifed Man...
DA-03BU-T-V ETC2-DA-03BU-T-V Datasheet
442Kb / 6P
   DS, DP, DA Series
More results

Similar Description - DA-039-12-02

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DA-075-12-02 LSTD-DA-075-12-02 Datasheet
754Kb / 2P
   Precise temperature control
PC4 LSTD-PC4 Datasheet
584Kb / 2P
   Precise temperature control
AA-034-12-22 LSTD-AA-034-12-22 Datasheet
976Kb / 2P
   Precise temperature control
DA-115-24-02 LSTD-DA-115-24-02 Datasheet
870Kb / 2P
   Precise temperature control
HT2 LSTD-HT2 Datasheet
580Kb / 2P
   Precise Temperature Control
HT6 LSTD-HT6 Datasheet
353Kb / 2P
   Precise Temperature Control
DAC-060-24-02 LSTD-DAC-060-24-02 Datasheet
777Kb / 2P
   Precise temperature control
LA-045-12-02-00-00 LSTD-LA-045-12-02-00-00 Datasheet
307Kb / 3P
   Precise temperature control
LA-115-24-02-00-00 LSTD-LA-115-24-02-00-00 Datasheet
300Kb / 3P
   Precise temperature control
MS5 LSTD-MS5 Datasheet
536Kb / 2P
   Precise temperature control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com