Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2611B Datasheet(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # K2611B
Description  Silicon N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

K2611B Datasheet(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  K2611B_14 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
3/8
K2611B Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
Fig.1 On Region Characteristics
Fig.2 Transfer Characteristics
Fig.3 On-Resistance Variation vs
Drain current and Gate Voltage
Fig.4 Body Diode Forward voltage
Variation with Source Current And
Temperature
Fig.5 Capacitance Characteristics
Fig.6 Gate Charge Characteristics
VG S
T o p
1 5 V
1 0 V
9 V
8 V
7 V
6 . 5 V
6 V
5 . 5 V
5 V
B o t t o m
Notes:
1.250us pulse test
2.Tc=25 C
1 0
1
1
1 0
V
V
D S
[ ]
150 C
2 5 C
Notes:
1.250us pulse test
2.V =40V
D S
V [V]
G S
0 . 1
2
4
6
8
1 0
1
1 0
V =10V
G S
V =20V
G S
N ote:T = 25 C
j
0
2
4
5
6
1 0
1 2
1 4
1 6
1 8
2 0
0 . 8
1 . 0
1 . 2
1 . 4
I [A]
D
0 . 2
0 . 3
0 . 4
0 . 5
0 . 6
0 . 7
0 . 8
0 . 9
1 . 0
1 . 1
1 . 2
1 . 3
1 . 4
1 . 5
0 . 1
1
1 0
150 C
2 5 C
Notes:
1.250us pulse test
2.V =0V
G S
V [V]
S D
4 5 0 0
4 0 0 0
3 5 0 0
3 0 0 0
2 5 0 0
2 0 0 0
1 5 0 0
1 0 0 0
5 0 0
0
1 0- 1
1 00
1 01
V
Drain-Source Voltage[V]
D S
Cis s
Co s s
Cr s s
C iss=C gs+C gd(C ds=shorted)
C oss=C ds+C gd
C rss=C gd
0
1 0
2 0
3 0
4 0
5 0
6 0
7 0
0
2
4
6
8
1 0
1 2
Q Toltal Gate Charge[nC]
g
V =720V
D S
V =450V
D S
V =180V
D S
*Note:I =11A
D


Similar Part No. - K2611B_14

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
K2611B WINSEMI-K2611B Datasheet
1,008Kb / 7P
Silicon N-Channel MOSFET
More results

Similar Description - K2611B_14

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
Silicon N-Channel MOSFET
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
Silicon N-Channel MOSFET
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com