Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2611B Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # K2611B
Description  Silicon N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

K2611B Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  K2611B_14 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
K2611B Product Description
WINSEM I
M ICROELECTRONICS
WINSEM I
M ICROELECTRONICS
WINSEM I
M ICROELECTRONICS
WINSEM I
M ICROELECTRONICS
WINSEM I
M ICROELECTRONICS
WT-F055-Rev.A1 Jan.2014
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
Features
11A,900V, RDS(on)(Max1.10Ω)@VGS=10V
Ultra-low Gate charge(Typical 66nC)
Fast Switching Capability
100%Avalanche Tested
Improved dv/dt capability
RoHS product
General Description
This N-Channel enhancement mode power field effect transistors are
produced using Winsemi's proprietary, planar stripe ,DMOS technology.
This advanced technology has been especially tailored to minimize
on-state resistance , provide superior switching performance, and
withstand high energy pulse in the avalanche and commutation mode.
These devices are well suited for high efficiency switch mode power
supplies.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
900
V
ID
Continuous Drain Current(@Tc=25℃)
11
A
Continuous Drain Current(@Tc=100℃)
6.9*
A
IDM
Drain Current Pulsed
(Note1)
44
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note2)
970
mJ
IAR
Avalanche Current
(Note1)
11
A
EAR
Repetitive Avalanche Energy
(Note1)
30.1
mJ
dv/dt
Peak Diode Recovery dv /dt
(Note3)
4.1
V/ ns
PD
Total Power Dissipation(@Tc=25℃)
277
W
Derating Factor above 25℃
2.22
W/℃
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55~150
TL
Channel Temperature
300
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJC
Thermal Resistance , Junction -to -Case
-
-
0.45
℃/W
RQJA
Thermal Resistance , Junction-to -Ambient
-
-
40
℃/W
G
D
S


Similar Part No. - K2611B_14

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
K2611B WINSEMI-K2611B Datasheet
1,008Kb / 7P
Silicon N-Channel MOSFET
More results

Similar Description - K2611B_14

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com