Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2611B Datasheet(PDF) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # K2611B
Description  Silicon N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

K2611B Datasheet(HTML) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  K2611B_14 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
5/8
K2611B Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
Fig.12 Gate Test circuit & Waveform
Fig.13 Resistive Switching Test Circuit & Waveform
Fig.14 Unclamped Inductive Switching Test Circuit & Waveform
1 2 V
2 0 0 n F
3 m A
3 0 0 n F
5 0 KΩ
V
G S
D U T
V
G S
V
D S
1 0 V
C h a rg e
Same type
a s D U T
Qg s
Qg d
Qg
1 0 V
R
G
V
G S
V
D S
R
L
V
D S
V
G S
D U T
9 0 %
1 0 %
t
d (o n )
t
r
t
d (o ff)
t
o n
t
o f f
t
f
V
D D
1 0 V
R
G
L
I
D
V
D D
E
A S =
B V
D S S
B V
D S S- VD D
1
2
L I
A S
2
D U T
B V
D S S
I
A S
I
t
D
( )
T i m e
V
D S
( )
t
t
p
t
p
V
D S
V
D D


Similar Part No. - K2611B_14

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
K2611B WINSEMI-K2611B Datasheet
1,008Kb / 7P
   Silicon N-Channel MOSFET
More results

Similar Description - K2611B_14

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com