Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2611B Datasheet(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # K2611B
Description  Silicon N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

K2611B Datasheet(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  K2611B_14 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B_14 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
4/8
K2611B Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
Fig.9 Maximum Safe Operation Area
Fig.10 Maximum Drain Current
vs Case temperature
Fig.11 Transient thermal Response Curve
Fig.7 Breakdown Voltage Variation
vs.Temperature
Fig.8 On-Resistance Variation
vs.Temperature
- 7 5
- 5 0
- 2 5
0
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
0 . 8
0 . 9
1 . 0
1 . 1
1 . 2
T [ C ]
j
Notes:
1.V
=0V
2.I =250uA
G S
D
- 7 5
- 5 0
- 2 5
0
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
Notes:
1.V
=10V
2.I =5.5A
G S
D
0 . 0
0 . 5
1 . 0
1 . 5
2 . 0
2 . 5
3 . 0
3 . 5
4 . 0
T [ C ]
j
1 0µ s
1 0 0µ s
1 ms
1 0 ms
1 0 0 ms
D C
Operation on This Area
is limited by RDS(ON)
Note:
1.T =25 C
2.T =150 C
3.Single Pulse
C
C
V
Drain-SourceVoltage[V]
D S
1 0
0
1 0
2
1 0
1
1 0
3
1 0
- 1
1 0
0
1 0
1
1 02
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
0
2
4
6
8
1 0
1 2
T Case Temperature[ C ]
C
D 0 5
= .
0 2
.
0 1
.
0 0 5
.
0 0 2
.
0 0 1
.
Single pulse
1.Z
(t)=0.45 C/W Max.
2.Duty Factor,D=t1/t2
3.T -T =P
*
θJ C
JM
C
DM
Z
(t)
θJ C
*No te s:
1 E - 5
1 E - 4
1 E - 3
0 . 0 1
0 . 1
1
1 0
t Square Wave Pulse Duration[sec]
1
1
0 . 1
0 . 0 1
PD M
t1
t2


Similar Part No. - K2611B_14

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
K2611B WINSEMI-K2611B Datasheet
1,008Kb / 7P
Silicon N-Channel MOSFET
More results

Similar Description - K2611B_14

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
Silicon N-Channel MOSFET
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
Silicon N-Channel MOSFET
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com