Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2681AC1A44 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SCC2681AC1A44
Description  Dual asynchronous receiver/transmitter (DUART)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2681AC1A44 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SCC2681AC1A44 Datasheet HTML 14Page - NXP Semiconductors SCC2681AC1A44 Datasheet HTML 15Page - NXP Semiconductors SCC2681AC1A44 Datasheet HTML 16Page - NXP Semiconductors SCC2681AC1A44 Datasheet HTML 17Page - NXP Semiconductors SCC2681AC1A44 Datasheet HTML 18Page - NXP Semiconductors SCC2681AC1A44 Datasheet HTML 19Page - NXP Semiconductors SCC2681AC1A44 Datasheet HTML 20Page - NXP Semiconductors SCC2681AC1A44 Datasheet HTML 21Page - NXP Semiconductors SCC2681AC1A44 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Philips Semiconductors
Product data
SCC2681
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
18
OPCR – Output Port Configuration Register
OPCR[7] – OP7 Output Select
This bit programs the OP7 output to provide one of the following:
0 – The complement of OPR[7].
1 – The Channel B transmitter interrupt output which is the
complement of TxRDYB. When in this mode OP7 acts as an
Open-drain output. Note that this output is not masked by the
contents of the IMR.
OPCR[6] – OP6 Output Select
This bit programs the OP6 output to provide one of the following:
0 – The complement of OPR[6].
1 – The Channel A transmitter interrupt output which is the
complement of TxRDYA. When in this mode OP6 acts as an
Open-drain output. Note that this output is not masked by the
contents of the IMR.
OPCR[5] – OP5 Output Select
This bit programs the OP5 output to provide one of the following:
0 – The complement of OPR[5].
1 – The Channel B transmitter interrupt output which is the
complement of ISR[5]. When in this mode OP5 acts as an
Open-drain output. Note that this output is not masked by the
contents of the IMR.
OPCR[4] – OP4 Output Select
This field programs the OP4 output to provide one of the following:
0 – The complement of OPR[4].
1 – The Channel B transmitter interrupt output which is the
complement of ISR[1]. When in this mode OP4 acts as an
Open-drain output. Note that this output is not masked by the
contents of the IMR.
OPCR[3:2] – OP3 Output Select
This bit programs the OP3 output to provide one of the following:
00 – The complement of OPR[3].
01 – The counter/timer output, in which case OP3 acts as an
Open-drain output. In the timer mode, this output is a square
wave at the programmed frequency. In the counter mode, the
output remains HIGH until terminal count is reached, at which
time it goes LOW. The output returns to the HIGH state when
the counter is stopped by a stop counter command. Note that
this output is not masked by the contents of the IMR.
10 – The 1
× clock for the Channel B transmitter, which is the clock
that shifts the transmitted data. If data is not being transmitted,
a free running 1
× clock is output.
11 – The 1
× clock for the Channel B receiver, which is the clock that
samples the received data. If data is not being received, a free
running 1
× clock is output.
OPCR[1:0] – OP2 Output Select
This field programs the OP2 output to provide one of the following:
00 – The complement of OPR[2].
01 – The 16
× clock for the Channel A transmitter. This is the clock
selected by CSRA[3:0], and will be a 1
× clock if
CSRA[3:0] = 1111.
10 – The 1
× clock for the Channel A transmitter, which is the clock
that shifts the transmitted data. If data is not being transmitted,
a free running 1
× clock is output.
11 – The 1
× clock for the Channel A receiver, which is the clock that
samples the received data. If data is not being received, a free
running 1
× clock is output.
ACR – Auxiliary Control Register
ACR[7] – Baud Rate Generator Set Select
This bit selects one of two sets of baud rates to be generated by the
BRG:
Set 1:
50, 110, 134.5, 200, 300, 600, 1.05 k, 1.2 k, 2.4 k, 4.8 k,
7.2 k, 9.6 k, and 38.4 k baud.
Set 2:
75, 110, 134.5, 150, 300, 600, 1.2 k, 1.8 k, 2.0 k, 2.4 k,
4.8 k, 9.6 k, and 19.2 k baud.
Please see Table 5 for rates to 115.2 k baud.
The selected set of rates is available for use by the Channel A and
B receivers and transmitters as described in CSRA and CSRB.
Baud rate generator characteristics are given in Table 3.
ACR[6:4] – Counter/Timer Mode And Clock Source Select
This field selects the operating mode of the counter/timer and its
clock source as shown in Table 4.
Table 4.
ACR 6:4 Field Definition
ACR 6:4
MODE
CLOCK SOURCE
000
Counter
External (IP2)
001
Counter
TxCA – 1
× clock of Channel A
transmitter
010
Counter
TxCB – 1
× clock of Channel B
transmitter
011
Counter
Crystal or external clock (X1/CLK)
divided by 16
100
Timer
(square wave)
External (IP2)
101
Timer
(square wave)
External (IP2) divided by 16
110
Timer
(square wave)
Crystal or external clock (X1/CLK)
111
Timer
(square wave)
Crystal or external clock (X1/CLK)
divided by 16
NOTE: Timer mode generates a squarewave.
ACR[3:0] – IP3, IP2, IP1, IP0 Change-of-State Interrupt Enable
This field selects which bits of the input port change register (IPCR)
cause the input change bit in the interrupt status register (ISR[7]) to
be set. If a bit is in the ‘on’ state the setting of the corresponding bit
in the IPCR will also result in the setting of ISR[7], which results in
the generation of an interrupt output if IMR[7] = 1. If a bit is in the
‘off’ state, the setting of that bit in the IPCR has no effect on ISR[7].
IPCR – Input Port Change Register
IPCR[7:4] – IP3, IP2, IP1, IP0 Change-of-State
These bits are set when a change-of-state, as defined in the input
port section of this data sheet, occurs at the respective input pins.
They are cleared when the IPCR is read by the CPU. A read of
the IPCR also clears ISR[7], the input change bit in the interrupt
status register. The setting of these bits can be programmed to
generate an interrupt to the CPU.
IPCR[3:0] – IP3, IP2, IP1, IP0 Current State
These bits provide the current state of the respective inputs. The
information is unlatched and reflects the state of the input pins at the
time the IPCR is read.


Similar Part No. - SCC2681AC1A44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681TC1A44 PHILIPS-SCC2681TC1A44 Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results

Similar Description - SCC2681AC1A44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com