Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2681AC1A44 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SCC2681AC1A44
Description  Dual asynchronous receiver/transmitter (DUART)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2681AC1A44 Datasheet(HTML) 4 Page - NXP Semiconductors

  SCC2681AC1A44 Datasheet HTML 1Page - NXP Semiconductors SCC2681AC1A44 Datasheet HTML 2Page - NXP Semiconductors SCC2681AC1A44 Datasheet HTML 3Page - NXP Semiconductors SCC2681AC1A44 Datasheet HTML 4Page - NXP Semiconductors SCC2681AC1A44 Datasheet HTML 5Page - NXP Semiconductors SCC2681AC1A44 Datasheet HTML 6Page - NXP Semiconductors SCC2681AC1A44 Datasheet HTML 7Page - NXP Semiconductors SCC2681AC1A44 Datasheet HTML 8Page - NXP Semiconductors SCC2681AC1A44 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Philips Semiconductors
Product data
SCC2681
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
4
SYMBOL
NAME AND FUNCTION
TYPE
PIN
SYMBOL
NAME AND FUNCTION
TYPE
DIP28
DIP40
PLCC44
X2
37
33
24
I
Crystal 2: Crystal connection. See Figure 7. If a crystal is not used it is best to keep
this pin not connected although it must not be grounded.
RxDA
35
31
22
I
Channel A Receiver Serial Data Input: The least significant bit is received first. “Mark”
is HIGH, “space” is LOW.
RxDB
11
10
7
I
Channel B Receive Serial Data Input: The least significant bit is received first. “Mark”
is HIGH, “space” is LOW.
TxDA
33
30
21
O
Channel A Transmitter Serial Data Output: The least significant bit is transmitted
first. This output is held in the “mark” condition when the transmitter is disabled, idle or
when operating in local loopback mode. “Mark” is HIGH, “space” is LOW.
TxDB
13
11
8
O
Channel B Transmitter Serial Data Output: The least significant bit is transmitted
first. This output is held in the “mark” condition when the transmitter is disabled, idle or
when operating in local loopback mode. “Mark” is HIGH, “space” is LOW.
OP0
32
29
20
O
Output 0: General purpose output or Channel A request to send (RTSAN,
active-LOW). Can be deactivated automatically on receive or transmit.
OP1
14
12
9
O
Output 1: General purpose output or Channel B request to send (RTSBN,
active-LOW). Can be deactivated automatically on receive or transmit.
OP2
31
28
O
Output 2: General purpose output or Channel A transmitter 1
× or 16× clock output, or
Channel A receiver 1
× clock output.
OP3
15
13
O
Output 3: General purpose output or open-drain, active-LOW counter/timer interrupt
output or Channel B transmitter 1
× clock output, or Channel B receiver 1× clock output.
OP4
30
27
O
Output 4: General purpose output or Channel A open-drain, active-LOW,
RxRDYA/FFULLA interrupt output.
OP5
16
14
O
Output 5: General purpose output or Channel B open-drain, active-LOW,
RxRDYB/FFULLB interrupt output.
OP6
29
26
O
Output 6: General purpose output or Channel A open-drain, active-LOW, TxRDYA
interrupt output.
OP7
17
15
O
Output 7: General purpose output or Channel B open-drain, active-LOW, TxRDYB
interrupt output.
IP0
8
7
I
Input 0: General purpose input or Channel A clear to send active-LOW input (CTSAN).
Pin has an internal VCC pull-up device supplying 1 to 4 µA of current.
IP1
5
4
I
Input 1: General purpose input or Channel B clear to send active-LOW input (CTSBN).
Pin has an internal VCC pull-up device supplying 1 to 4 µA of current.
IP2
40
36
27
I
Input 2: General purpose input or counter/timer external clock input. Pin has an internal
VCC pull-up device supplying 1 to 4 µA of current.
IP3
3
2
I
Input 3: General purpose input or Channel A transmitter external clock input (TxCA).
When the external clock is used by the transmitter, the transmitted data is clocked on
the falling edge of the clock. Pin has an internal VCC pull-up device supplying 1 to 4 µA
of current.
IP4
43
39
I
Input 4: General purpose input or Channel A receiver external clock input (RxCA).
When the external clock is used by the receiver, the received data is sampled on the
rising edge of the clock. Pin has an internal VCC pull-up device supplying 1 to 4 µA of
current.
IP5
42
38
I
Input 5: General purpose input or Channel B transmitter external clock input (TxCB).
When the external clock is used by the transmitter, the transmitted data is clocked on
the falling edge of the clock. Pin has an internal VCC pull-up device supplying 1 to 4 µA
of current.
IP6
41
37
I
Input 6: General purpose input or Channel B receiver external clock input (RxCB).
When the external clock is used by the receiver, the received data is sampled on the
rising edge of the clock. Pin has an internal VCC pull-up device supplying 1 to 4 µA of
current.
VCC
44
40
28
I
Power Supply: +5V supply input.
GND
22
20
14
I
Ground
n.c.
1, 12,
34, 23
Not connected.


Similar Part No. - SCC2681AC1A44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681TC1A44 PHILIPS-SCC2681TC1A44 Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results

Similar Description - SCC2681AC1A44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com