Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2681 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SCC2681
Description  Dual asynchronous receiver/transmitter (DUART)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2681 Datasheet(HTML) 3 Page - NXP Semiconductors

  SCC2681 Datasheet HTML 1Page - NXP Semiconductors SCC2681 Datasheet HTML 2Page - NXP Semiconductors SCC2681 Datasheet HTML 3Page - NXP Semiconductors SCC2681 Datasheet HTML 4Page - NXP Semiconductors SCC2681 Datasheet HTML 5Page - NXP Semiconductors SCC2681 Datasheet HTML 6Page - NXP Semiconductors SCC2681 Datasheet HTML 7Page - NXP Semiconductors SCC2681 Datasheet HTML 8Page - NXP Semiconductors SCC2681 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Philips Semiconductors
Product data
SCC2681
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
3
PIN CONFIGURATIONS
PIN/FUNCTION
PIN/FUNCTION
1NC
23 NC
2
A0
24 INTRN
3
IP3
25 D6
4A1
26 D4
5
IP1
27 D2
6A2
28 D0
7
A3
29 OP6
8
IP0
30 OP4
9
WRN
31 OP2
10 RDN
32 OP0
11
RXDB
33 TXDA
12 NC
34 NC
13 TXDB
35 RXDA
14 OP1
36 X1/CLK
15 OP3
37 X2
16 OP5
38 RESET
17 OP7
39 CEN
18 D1
40 IP2
19 D3
41 IP6
20 D5
42 IP5
21 D7
43 IP4
22 GND
44 VCC
24
23
22
21
20
19
18
17
16
15
28
27
12
10
11
9
8
7
6
5
4
3
2
1
14
13
26
25
29
30
31
32
33
34
35
36
37
38
39
40
DIP
VCC
IP4
IP5
IP6
IP2
CEN
RESET
X2
X1/CLK
RXDA
TXDA
OP0
OP2
OP4
OP6
D0
D2
D4
D6
INTRN
A0
IP3
A1
IP1
A2
A3
IP0
WRN
RDN
RXDB
TXDB
OP1
OP3
OP5
OP7
D1
D3
D5
D7
GND
24
23
22
21
20
19
18
17
16
15
28
27
12
10
11
9
8
7
6
5
4
3
2
1
14
13
26
25
VCC
IP2
CEN
RESET
X2
X1/CLK
RXDA
TXDA
OP0
D0
D2
D4
D6
INTRN
GND
D7
D5
D3
D1
OP1
TXDB
RXDB
RDN
WRN
A3
A2
A1
A0
DIP
1
39
17
28
40
29
18
7
PLCC
6
TOP VIEW
INDEX
CORNER
SD00723
Figure 1. Pin configurations
PIN DESCRIPTION
SYMBOL
PIN
TYPE
NAME AND FUNCTION
SYMBOL
PLCC44
DIP40
DIP28
TYPE
NAME AND FUNCTION
D0–D7
28, 18,
27, 19,
26, 20,
25, 21
25, 16,
24, 17,
23, 18,
22, 19
19, 10,
18, 11,
17, 12,
16, 13
I/O
Data Bus: Bidirectional 3-State data bus used to transfer commands, data and status
between the DUART and the CPU. D0 is the least significant bit.
CEN
39
35
26
I
Chip Enable: Active-LOW input signal. When LOW, data transfers between the CPU
and the DUART are enabled on D0-D7 as controlled by the WRN, RDN and A0-A3
inputs. When HIGH, places the D0-D7 lines in the 3-State condition.
WRN
9
8
5
I
Write Strobe: When LOW and CEN is also LOW, the contents of the data bus is
loaded into the addressed register. The transfer occurs on the rising edge of the signal.
RDN
10
9
6
I
Read Strobe: When LOW and CEN is also LOW, causes the contents of the
addressed register to be presented on the data bus. The read cycle begins on the
falling edge of RDN.
A0–A3
2, 4, 6, 7
1, 3, 5,
6
1–4
I
Address Inputs: Select the DUART internal registers and ports for read/write
operations.
RESET
38
34
25
I
Reset: A HIGH level clears internal registers (SRA, SRB, IMR, ISR, OPR, OPCR), puts
OP0–OP7 in the HIGH state, stops the counter/timer, and puts Channels A and B in the
inactive state, with the TxDA and TxDB outputs in the mark (HIGH) state. Clears Test
modes, sets MR pointer to MR1.
INTRN
24
21
15
O
Interrupt Request: Active-LOW, open-drain, output which signals the CPU that one or
more of the eight maskable interrupting conditions are true.
X1/CLK
36
32
23
I
Crystal 1: Crystal connection or an external clock input. A crystal of a clock the
appropriate frequency (nominally 3.6864 MHz) must be supplied at all times. For crystal
connections see Figure 7, Clock Timing.


Similar Part No. - SCC2681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681TC1A44 PHILIPS-SCC2681TC1A44 Datasheet
108Kb / 15P
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results

Similar Description - SCC2681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com