Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2681 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SCC2681
Description  Dual asynchronous receiver/transmitter (DUART)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2681 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SCC2681 Datasheet HTML 17Page - NXP Semiconductors SCC2681 Datasheet HTML 18Page - NXP Semiconductors SCC2681 Datasheet HTML 19Page - NXP Semiconductors SCC2681 Datasheet HTML 20Page - NXP Semiconductors SCC2681 Datasheet HTML 21Page - NXP Semiconductors SCC2681 Datasheet HTML 22Page - NXP Semiconductors SCC2681 Datasheet HTML 23Page - NXP Semiconductors SCC2681 Datasheet HTML 24Page - NXP Semiconductors SCC2681 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Philips Semiconductors
Product data
SCC2681
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
21
Table 5.
Baud Rates Extended
Normal BRG
BRG Extended Rates
CSR[7:4]
ACR[7] = 0
ACR[7] = 1
ACR[7] = 0
ACR[7] = 1
0000
50
75
4,800
7,200
0001
110
110
880
880
0010
134.5
134.5
1,076
1,076
0011
200
150
19.2 k
14.4 k
0100
300
300
28.8 k
28.8 k
0101
600
600
57.6 k
57.6 k
0110
1,200
1,200
115.2 k
115.2 k
0111
1,050
2,000
1,050
2,000
1000
2,400
2,400
57.6 k
57.6 k
1001
4,800
4,800
4,800
4,800
1010
7,200
1,800
57.6 k
14.4 k
1011
9,600
9,600
9,600
9,600
1100
38.4 k
19.2 k
38.4 k
19.2 k
1101
Timer
Timer
Timer
Timer
1110
I/O2 – 16
×
I/O2 – 16
×
I/O2 – 16
×
I/O2 – 16
×
1111
I/O2 – 1
×
I/O2 – 1
×
I/O2 – 1
×
I/O2 – 1
×
NOTE: Each read on address H‘2’ will toggle the baud rate test mode. When in the BRG test mode, the baud rates change as shown to the left.
This change affects all receivers and transmitters on the DUART. See
“Extended baud rates for SCN2681, SCN68681, SCC2691, SCC2692,
SCC68692 and SCC2698B” in application notes elsewhere in this publication.
The test mode at address H‘A’ changes all transmitters and receivers to the 1
× mode and connects the output ports to some internal nodes.
Receiver Reset in the Normal Mode (Receiver Enabled)
Reset can be accomplished easily by issuing a receiver software or hardware reset followed by a receiver enable. All receiver data,
status and programming will be preserved and available before reset. The reset will NOT affect the programming.
Receiver Reset in the Wake-Up Mode (MR1[4:3] = 11)
Reset can also be accomplished easily by first exiting the wake-up mode (MR1[4:3] = 00 or 01 or 10), then issuing a receiver software or
hardware reset followed by a wake-up re-entry (MR1[4:3] = 11). All receiver data, status and programming will be preserved and
available before reset. The reset will NOT affect other programming.
The reason for this is the receiver is partially enabled when the parity bits are at ‘11’. Thus the receiver disable and reset is bypassed by
the partial enabling of the receiver.
SD00097


Similar Part No. - SCC2681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681TC1A44 PHILIPS-SCC2681TC1A44 Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results

Similar Description - SCC2681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com