Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2681 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SCC2681
Description  Dual asynchronous receiver/transmitter (DUART)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2681 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SCC2681 Datasheet HTML 7Page - NXP Semiconductors SCC2681 Datasheet HTML 8Page - NXP Semiconductors SCC2681 Datasheet HTML 9Page - NXP Semiconductors SCC2681 Datasheet HTML 10Page - NXP Semiconductors SCC2681 Datasheet HTML 11Page - NXP Semiconductors SCC2681 Datasheet HTML 12Page - NXP Semiconductors SCC2681 Datasheet HTML 13Page - NXP Semiconductors SCC2681 Datasheet HTML 14Page - NXP Semiconductors SCC2681 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Philips Semiconductors
Product data
SCC2681
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
11
PROGRAMMING
The operation of the DUART is programmed by writing control words
into the appropriate registers. Operational feedback is provided via
status registers which can be read by the CPU. The addressing of
the registers is described in Table 1.
The contents of certain control registers are initialized to zero on
RESET. Care should be exercised if the contents of a register are
changed during operation, since certain changes may cause
operational problems.
For example, changing the number of bits per character while the
transmitter is active may cause the transmission of an incorrect
character. In general, the contents of the MR, the CSR, and the
OPCR should only be changed while the receiver(s) and
transmitter(s) are not enabled, and certain changes to the ACR
should only be made while the C/T is stopped.
Mode registers 1 and 2 of each channel are accessed via
independent auxiliary pointers. The pointer is set to MR1x by
RESET or by issuing a ‘reset pointer’ command via the
corresponding command register. Any read or write of the mode
register while the pointer is at MR1x, switches the pointer to MR2x.
The pointer then remains at MR2x, so that subsequent accesses are
always to MR2x unless the pointer is reset to MR1x as described
above.
Mode, command, clock select, and status registers are duplicated
for each channel to provide total independent operation and control.
Refer to Table 2 for register bit descriptions.
Table 1.
SCC2681 Register Addressing
A3
A2
A1
A0
READ (RDN = 0)
WRITE (WRN = 0)
0
0
0
0
Mode Register A (MR1A, MR2A)
Mode Register A (MR1A, MR2A)
0
0
0
1
Status Register A (SRA)
Clock Select Register A (CSRA)
0
0
1
0
BRG Extend *
Command Register A (CRA)
0
0
1
1
Rx Holding Register A (RHRA)
Tx Holding Register A (THRA)
0
1
0
0
Input Port Change Register (IPCR)
Aux. Control Register (ACR)
0
1
0
1
Interrupt Status Register (ISR)
Interrupt Mask Register (IMR)
0
1
1
0
Counter/Timer Upper Value (CTU)
C/T Upper Preset Value (CRUR)
0
1
1
1
Counter/Timer Lower Value (CTL)
C/T Lower Preset Value (CTLR)
1
0
0
0
Mode Register B (MR1B, MR2B)
Mode Register B (MR1B, MR2B)
1
0
0
1
Status Register B (SRB)
Clock Select Register B (CSRB)
1
0
1
0
1
×/16× Test
Command Register B (CRB)
1
0
1
1
Rx Holding Register B (RHRB)
Tx Holding Register B (THRB)
1
1
0
0
Use for scratch pad
Use for scratch pad
1
1
0
1
Input Ports IP0 to IP6
Output Port Conf. Register (OPCR)
1
1
1
0
Start Counter Command
Set Output Port Bits Command
1
1
1
1
Stop Counter Command
Reset Output Port Bits Command
* See Table 5 for BRG Extended frequencies in this data sheet, and
“Extended baud rates for SCN2681, SCN68681, SCC2691, SCC2692,
SCC68692 and SCC2698B” in application notes elsewhere in this publication.


Similar Part No. - SCC2681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681TC1A44 PHILIPS-SCC2681TC1A44 Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results

Similar Description - SCC2681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com