Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2681 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SCC2681
Description  Dual asynchronous receiver/transmitter (DUART)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2681 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SCC2681 Datasheet HTML 6Page - NXP Semiconductors SCC2681 Datasheet HTML 7Page - NXP Semiconductors SCC2681 Datasheet HTML 8Page - NXP Semiconductors SCC2681 Datasheet HTML 9Page - NXP Semiconductors SCC2681 Datasheet HTML 10Page - NXP Semiconductors SCC2681 Datasheet HTML 11Page - NXP Semiconductors SCC2681 Datasheet HTML 12Page - NXP Semiconductors SCC2681 Datasheet HTML 13Page - NXP Semiconductors SCC2681 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Philips Semiconductors
Product data
SCC2681
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
10
shift register is lost and the overrun error status bit (SR[4] will be
set-upon receipt of the start bit of the new (overrunning) character).
The receiver can control the deactivation of RTS. If programmed to
operate in this mode, the RTSN output will be negated (set to ‘1’)
when a valid start bit was received and the FIFO is full. When a
FIFO position becomes available, the RTSN output will be
re-asserted (set to ‘0’) automatically. This feature can be used to
prevent an overrun, in the receiver, by connecting the RTSN output
to the CTSN input of the transmitting device.
Receiver Reset and Disable
Receiver disable stops the receiver immediately – data being
assembled if the receiver shift register is lost. Data and status in the
FIFO is preserved and may be read. A re-enable of the receiver
after a disable will cause the receiver to begin assembling
characters at the next start bit detected.
A receiver reset will discard the present shift register data, reset the
receiver ready bit (RxRDY), clear the status of the byte at the top of
the FIFO and re-align the FIFO read/write pointers. This has the
appearance of “clearing or flushing” the receiver FIFO. In fact, the
FIFO is NEVER cleared! The data in the FIFO remains valid until
overwritten by another received character. Because of this,
erroneous reading or extra reads of the receiver FIFO will miss-align
the FIFO pointers and result in the reading of previously read data.
A receiver reset will re-align the pointers.
Multidrop Mode
Note: Please see
Application Note AN10251 for more information
on this feature.
The DUART is equipped with a wake up mode for multidrop
applications. This mode is selected by programming bits MR1A[4:3]
or MR1B[4:3] to ‘11’ for Channels A and B, respectively. In this mode
of operation, a ‘master’ station transmits an address character
followed by data characters for the addressed ‘slave’ station. The
slave stations, with receivers that are normally disabled, examine
the received data stream and ‘wake up’ the CPU (by setting RxRDY)
only upon receipt of an address character. The CPU compares the
received address to its station address and enables the receiver if it
wishes to receive the subsequent data characters. Upon receipt of
another address character, the CPU may disable the receiver to
initiate the process again.
A transmitted character consists of a start bit, the programmed
number of data bits, and Address/Data (A/D) bit, and the
programmed number of stop bits. The polarity of the transmitted A/D
bit is selected by the CPU by programming bit MR1A[2]/MR1B[2].
MR1A[2]/MR1B[2] = 0 transmits a zero in the A/D bit position, which
identifies the corresponding data bits as data while
MR1A[2]/MR1B[2] = 1 transmits a one in the A/D bit position, which
identifies the corresponding data bits as an address. The CPU
should program the mode register prior to loading the corresponding
data bits into the THR.
In this mode, the receiver continuously looks at the received data
stream, whether it is enabled or disabled. If disabled, it sets the
RxRDY status bit and loads the character into the RHR FIFO if the
received A/D bit is a one (address tag), but discards the received
character if the received A/D bit is a zero (data tag). If enabled, all
received characters are transferred to the CPU via the RHR. In
either case, the data bits are loaded into the data FIFO while the
A/D bit is loaded into the status FIFO position normally used for
parity error (SRA[5] or SRB[5]). Framing error, overrun error, and
break detect operate normally whether or not the receive is enabled.


Similar Part No. - SCC2681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681TC1A44 PHILIPS-SCC2681TC1A44 Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results

Similar Description - SCC2681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com