Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

431471031826 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 431471031826
Description  WS-TASV 6x6mm washable Tact Switch with ground terminal, SMD version
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

431471031826 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  431471031826 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATE
FILE
REV
BY
EDV NO
Date
Checked
Drawn
Name
Scale
DESCRIPTION
Position
GENERAL TOLERANCE
Basic material
Projection
Drawing.- No.
washable definition 14-01-31 DaF
d
Bounce 10ms max. 14-04-11
e
revisde MatchCode 14-07-24
AL
WS-TASV 6x6mm washable Tact Switch with ground terminal,
SMD version
4314x10318x6
4314x10311x6.dft
10-09-30
Jelisarow
5:1
System :Solid Edge V20
WE
eiCan
CAD
Würth Elektronik
eiCan
.x = +/- 0,2
.xx = +/- 0,15
A4
SIZE
11-10-28
warning text
a
WJ
This electronic component is designed and developed with the intention
for use in general electronics equipments.
Before incorporating the components into any equipments in the field
such as aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal,
disaster prevention, medical, public information network etc. where higher
safety and reliability are especially required or if there is possibility of
direct damage or injury to human body, Wurth Elektronik must be asked
for a written approval.
In addition, even electronic component in general electronic equipments,
when used in electrical circuits that require high safety, reliability functions
or performance, the sufficient reliability evaluation-check for the safety
must be performed before by the user before usage.
12-09-13
new values in chart
b
WJ
c
DaF
10-09-30
Hsu
f
remove Contact cladding
14-11-04 DaF
TECHNICAL CHARACTERISTICS
SPECIFICATION
>Rating:
50mA, 12VDC
>Contact Resistance:
Initial:
100mOHM max.
After Life Test:
2OHM max.
>Insulation Resistance: min. 100MOHM at 500VDC
>Dielectric Strength:
250VAC for 1 minute
>Stroke:
0.25 + 0.2 mm / - 0.1 mm
>Bounce:
10ms max.
MATERIAL
>Cover:
Stainless Steel
>Stem:
LCP UL 94V-0
>Frame:
LCP UL 94V-0, color Black
>Contact: Stainless Steel with silver
>Terminal: Brass with silver plating
>Tape:
Polyimide tape
SOLDERING INFORMATION
>Terminal in SMD version
>Reflow soldering according to JEDEC J-STD 020 Hot Air
>Hand soldering under 350°C for 3 sec. max
WASHABLE DEFINITION
Please do not submerse washable products into water or cleaning agents
or put them in locations exposed to water or liquids completely.
When cleaning by hand (brushing), please do not use excessive force on
our switch to avoid malfunction afterwards, because you could deform
function relevant areas or you could damage sealing functions.
Do not clean washable series immediately after soldering. The cleaning
agent may be absorbed into the switch through respiration while the
switch cools.
ENVIRONMENTAL
>Storage condition: -40°C ~ +85°C
>Operation condition: -40°C ~ +85°C
>Compliance: Lead Free, ROHS, Reach
PACKAGING INFORMATION
>Tape & Reel
P.C.B. MOUNTING PLAN
SCHEMATIC
Scale - 5:1
GND
4
2
1
3
h 0,10 Ref.
P.C.B. MOUNTING
FACE
8,0 ±0,15
6,2 ±0,15
3,0
O
0,7
0,7
5,8
5,0
9,0
4
2
1
3
1
2
4
3
PN
Force
Color of Stem Life cycle
431 481 031 816
160g ± 50gf
Black
1.000.000
431 471 031 826
260g ± 50gf
White
500.000
431 471 031 836
360g ± 80gf
Salmon
500.000
Grounded Terminal can be
effective even if not soldered
1,5


Similar Part No. - 431471031826

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
431471031826 WURTH-431471031826 Datasheet
102Kb / 1P
   WS-TASV 6x6mm washable Tact Switch with ground terminal, SMD version
431471031826 WURTH-431471031826 Datasheet
102Kb / 1P
   WS-TASV 6x6mm washable Tact Switch with ground terminal, SMD version
More results

Similar Description - 431471031826

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
431471031836 WURTH-431471031836 Datasheet
102Kb / 1P
   WS-TASV 6x6mm washable Tact Switch with ground terminal, SMD version
431481031816 WURTH-431481031816 Datasheet
102Kb / 1P
   WS-TASV 6x6mm washable Tact Switch with ground terminal, SMD version
4304X1XXX8X6 WURTH-4304X1XXX8X6 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451031836 WURTH-430451031836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430471035826 WURTH-430471035826 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451025836 WURTH-430451025836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430481035816 WURTH-430481035816 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
4304X3XXX8X6 WURTH-4304X3XXX8X6 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
430453035836 WURTH-430453035836 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
430453025836 WURTH-430453025836 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com