Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XO7080 Datasheet(PDF) 2 Page - MTRONPTI

Part # XO7080
Description  MtronPTI XO7080 Pure Sine Output SMT VCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

XO7080 Datasheet(HTML) 2 Page - MTRONPTI

  XO7080_16 Datasheet HTML 1Page - MTRONPTI XO7080_16 Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MtronPTI XO7080 Pure Sine Output SMT VCXO
P/N: XO7080-xxx
Shock and Vibration:
Three (3) ½ sine shock pulses of the given force and duration on each of the three (3) axis. The VCXO shall operate during and after the shock
pulses.
Direction: Force
Duration (msec)
Vertical: 160 G’s
3 to 5
Front to Back: 80 G’s
3 to 5
Side to Side: 80 G’s
3 to 5
VCXO shall operate for periods up to 2-hours duration when subjected to any of the vibration in the given ranges, with the corresponding input
amplitude listed. The requirement shall be met regardless of the direction of the vibration.
Frequency (Hz)
Input Amplitude (inches)
4 – 15
0.04 ±0.008
16 - 25
0.03 ±0.006
26 - 33
0.04 ±0.008
Figure 1 - XO7080 Outline Drawing
Figure 2 – Recommended PAD Layout
Figure 3 – Recommended Reflow Profile
Data Sheet Revision Table:
Date
Rev.
Orig.
Details of Revision
12-28-15
A
DD
Preliminary Draft
2 of 2
The information contained herein is proprietary to MtronPTI and is submitted in confidence.
This information may not be copied or divulged without written permission from MtronPTI.


Similar Part No. - XO7080_16

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO7080-008 MTRONPTI-XO7080-008 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - XO7080_16

ManufacturerPart #DatasheetDescription
logo
COTEK ELECTRONIC IND. C...
SD1500 COTEK-SD1500 Datasheet
303Kb / 3P
   1500W Pure Sine Wave
20/05/25
SD2500 COTEK-SD2500 Datasheet
537Kb / 3P
   2500W Pure Sine Wave
21/03/05
SD3500 COTEK-SD3500 Datasheet
665Kb / 3P
   3500W Pure Sine Wave
21/10/06
logo
Nel Frequency Controls,...
AB-A3A1XX NEL-AB-A3A1XX Datasheet
139Kb / 3P
   SINE-WAVE UHF VCXO
logo
Advanced XTAL Products
AXIS15LN AXTAL-AXIS15LN Datasheet
105Kb / 4P
   Low Phase Noise SMD VCXO with Sine Wave Output
logo
COTEK ELECTRONIC IND. C...
SP-3000 COTEK-SP-3000 Datasheet
179Kb / 2P
   3000W Pure Sine Wave Inverter
20/10/21
logo
List of Unclassifed Man...
PN200501500VA001 ETC2-PN200501500VA001 Datasheet
78Kb / 5P
   500VA Pure Sine Wave Inverter
logo
COTEK ELECTRONIC IND. C...
SP-4000 COTEK-SP-4000 Datasheet
175Kb / 2P
   4000W Pure Sine Wave Inverter
20/10/21
SP-1500 COTEK-SP-1500 Datasheet
129Kb / 2P
   1500W Pure Sine Wave Inverter
20/10/21
SR1000T COTEK-SR1000T Datasheet
37Kb / 1P
   1000W Pure Sine Wave Inverter
20/10/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com