Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

739W-X2-50 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 739W-X2-50
Description  SNAP-IN 20 AMP T-SLOT RECEPTACLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

739W-X2-50 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  739W-X2-50 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
739W-X2/50
Description:
SNAP-IN 20 AMP T-SLOT RECEPTACLE
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.30
0.30
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
R.Nuti
12-02-15
12-02-15
LY / 12-02-15
UNIT: mm
CONTROLLED
NOTES:
NEMA 5-20R
USE 12 AWG SOLID COPPER WIRE ONLY
20A 125V
PANEL THICKNESS: 0.8~1.8mm
APPROVALS: UL,cUL
PRODUCT SHIPPED UNASSEMBLED
RoHS COMPLIANT
APPROVED
DATE
DESCRIPTION
REV.
REVISION
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
5
4
3
2
1
1
1
1
1
1
Cover back of the body, NYLON Black Color
Contact PIN Brass Strip t=0.7mm
Contact PIN Brass Strip t=0.7mm
Contact PIN Brass Strip t=0.7mm Ni-Plated
Body Insulator NYLON Black Color
R1
R1
24
22
24
SOLID
CONDUCTOR
“12AWG”
WHITE WIRE
GREEN WIRE
BLACK WIRE
24.5 ±
0.2
0
PANEL CUTOUT


Similar Part No. - 739W-X2-50

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
739W-X2-01 QUALTEK-739W-X2-01 Datasheet
341Kb / 1P
   AC RECEPTACLE
739W-X2-02 QUALTEK-739W-X2-02 Datasheet
342Kb / 1P
   AC RECEPTACLE
739W-X2-03 QUALTEK-739W-X2-03 Datasheet
392Kb / 1P
   AC RECEPTACLE
739W-X2-04 QUALTEK-739W-X2-04 Datasheet
439Kb / 1P
   AC RECEPTACLE
739W-X2-20 QUALTEK-739W-X2-20 Datasheet
353Kb / 1P
   SNAP-IN 20 AMP T-SLOT RECEPTACLE
More results

Similar Description - 739W-X2-50

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
739W-X2-20 QUALTEK-739W-X2-20 Datasheet
353Kb / 1P
   SNAP-IN 20 AMP T-SLOT RECEPTACLE
739W-X2-30 QUALTEK-739W-X2-30 Datasheet
226Kb / 1P
   SNAP-IN 20 AMP T-SLOT RECEPTACLE
logo
Winchester Electronics ...
221-010-00405G WINCHESTER-221-010-00405G Datasheet
40Kb / 1P
   POWER PC RECEPTACLE 20 AMP
logo
Tyco Electronics
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
3-747579-4 MACOM-3-747579-4 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Winchester Electronics ...
01431 WINCHESTER-01431 Datasheet
71Kb / 1P
   POWER SNAP, RIGHT ANGLE SOLDER MOUNT 20 AWG 8 AMP
SD01431G WINCHESTER-SD01431G Datasheet
72Kb / 1P
   POWER SNAP, RIGHT ANGLE SOLDER MOUNT 20 AWG 8 AMP
logo
List of Unclassifed Man...
123-4016-GR ETC2-123-4016-GR Datasheet
83Kb / 2P
   Safety Battery Snap T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com