Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

409-5771 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 409-5771
Description  This specification covers the requirements for application of CHAMP Cable Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

409-5771 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  409-5771 Datasheet HTML 1Page - TE Connectivity Ltd 409-5771 Datasheet HTML 2Page - TE Connectivity Ltd 409-5771 Datasheet HTML 3Page - TE Connectivity Ltd 409-5771 Datasheet HTML 4Page - TE Connectivity Ltd 409-5771 Datasheet HTML 5Page - TE Connectivity Ltd 409-5771 Datasheet HTML 6Page - TE Connectivity Ltd 409-5771 Datasheet HTML 7Page - TE Connectivity Ltd 409-5771 Datasheet HTML 8Page - TE Connectivity Ltd 409-5771 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
114- 6041
Rev B
2
of 10
2. REFERENCE MATERIAL
2.1. Revision Summary
S
Updated document to corporate requirements.
2.2. Customer Assistance
Reference Part Number 229974 and Product Code 1210 are representative numbers that identify the CHAMP
Cable Connectors. These numbers are used in the network of customer service to access tooling and product
application information. This service is provided by your local TE Representative or, after purchase, by calling
the Product Information number at the bottom of page 1.
2.3. Drawings
Customer Drawings for specific products are available from the responsible TE Engineering Department via the
service network. The information contained in the Customer Drawings takes priority if there is a conflict with
this specification or with any other technical documentation supplied by TE.
2.4. Specifications
Product Specification 108--6005 provides applicable performance requirements and test data relative to
CHAMP Cable Connectors.
2.5. Instructional Material
The following list includes available instruction sheets (408--series) that provide assembly procedures for
product, operation, maintenance and repair of tooling, as well as setup and operation procedures of
applicators; and customer manuals (409--series) that provide setup, operation, and maintenance procedures of
machines.
Document Number
Document Title
408--3133
CHAMP Discrete Wire Tooling Assembly 231593--2
408--3137
CHAMP Laminated Cable Tooling Assembly 231592--2
408--3159
Strain Relief Hardware For CHAMP Connectors
408--3160
Mounting Hardware For CHAMP Connectors
408--3188
Shielded CHAMP 180 Connector Kits and Cover Kits
408--7558
CHAMP T--Handle Wire Insertion Tool 229384--1
408--7559
CHAMP Portable Hand Operated Tool (MI--1) 229378
408--7564
CHAMP Cable--to--Cable and Cable--to--Panel Connectors
408--7642
Palm Grip Hand Tool Kit 229764--2
408--7787
Insertion/Extraction Tool 230238--1
409--5411
CHAMPOMATOR* Insertion Machine
409--5771
CHAMPOMATOR 3A Terminating Machine
3. REQUIREMENTS
3.1. Wire
A. Selection
Contacts are available for the wire sizes specified in the chart in Figure 2. Housing assemblies (plug/
receptacle) are also specified in Figure 2. The wires may be solid or stranded.
B. Wire Size
The color dots on the housings and the letter codes on the contacts designate wire size.


Similar Part No. - 409-5771

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
409-5128 TEC-409-5128 Datasheet
252Kb / 11P
   Audio/Microphone Connectors
409-5626 TEC-409-5626 Datasheet
150Kb / 7P
   AUGAT HOLTITE Sockets
409-5626 TEC-409-5626 Datasheet
338Kb / 14P
   Single Connector Attachments
409-5822 TEC-409-5822 Datasheet
175Kb / 4P
   This instruction sheet covers the use and maintenance of Crimping Die Assemblies
409-5842 TEC-409-5842 Datasheet
252Kb / 11P
   Audio/Microphone Connectors
More results

Similar Description - 409-5771

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
logo
List of Unclassifed Man...
1N5554 ETC1-1N5554 Datasheet
202Kb / 28P
   This specification covers the performance requirements for silicon, general purpose,
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance...
logo
ATTEND Technology Inc.
115B ATTEND-115B Datasheet
336Kb / 5P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
126B ATTEND-126B Datasheet
447Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
DDR ATTEND-DDR Datasheet
388Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
101M-TEX0 ATTEND-101M-TEX0 Datasheet
267Kb / 3P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 101M-TEX0
2020-06-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com