Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF0580NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PF0580NL
Description  Unshielded Drum Core - PF0580NL Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PF0580NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PF0580NL Datasheet HTML 1Page - Pulse A Technitrol Company PF0580NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
10
SPM2007 (11/07)
SMT POWER INDUCTORS
Unshielded Drum Core - PF0580NL Series
0
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Normalized Isat
Typical Inductance vs Current Characteristics
Notes from Tables
1. Inductance at Irated is a typical inductance value for the
component taken at rated current.
2. The rated current listed is the lower of the saturation current
@ 25°C or the heating current.
3. The saturation current, Isat, is the current at which the
component inductance drops by 10% (maximum) at an ambient
temperature of 25°C. This current is determined by placing the
component in the specified ambient environment and applying a
short duration pulse current (to eliminate self-heating effects) to
the component.
4. The heating current, IDC, is the DC current required to raise
the component temperature by approximately 45°C. The heating
current is determined by mounting the component on a typical
PCB and applying current for 30 minutes.
5. Optional Tape & Reel packaging can be ordered by adding
a "T" suffix to the part number (i.e. PF0580.102NL becomes
PF0580.102NLT). Pulse complies to industry standard tape
and reel specification EIA481.
6. The temperature of the component (ambient plus temperature
rise) must be within the stated operating temperature range.


Similar Part No. - PF0580NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0580 PULSE-PF0580 Datasheet
490Kb / 9P
POWER MAGNETICS
PF0580 PULSE-PF0580 Datasheet
1Mb / 3P
SMT UNSHIELDED DRUM CORE INDUCTORS
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
SMT UNSHIELDED DRUM CORE INDUCTORS
More results

Similar Description - PF0580NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0638NL PULSE-PF0638NL Datasheet
80Kb / 2P
Unshielded Drum Core
P0751153NLT PULSE-P0751153NLT Datasheet
148Kb / 1P
Unshielded Drum Core - P0751NL/52NL Series
PA4305.102NLT PULSE-PA4305.102NLT Datasheet
565Kb / 2P
Unshielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
Unshielded Drum Core Inductor
PA4309.102NLT PULSE-PA4309.102NLT Datasheet
635Kb / 3P
Unshielded Drum Core Inductor
PG0016NL PULSE-PG0016NL Datasheet
458Kb / 2P
Unshielded Drum Core ??PG0016NL Series
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
Unshielded Drum Core
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
Unshielded Drum Core
PB2020.681NL PULSE-PB2020.681NL Datasheet
96Kb / 1P
Unshielded Drum Core
PF0504.681NL PULSE-PF0504.681NL Datasheet
187Kb / 2P
Unshielded Drum Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com