Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

408-32163 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 408-32163
Description  Enhanced Small Form-Factor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

408-32163 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  408-32163 Datasheet HTML 1Page - TE Connectivity Ltd 408-32163 Datasheet HTML 2Page - TE Connectivity Ltd 408-32163 Datasheet HTML 3Page - TE Connectivity Ltd 408-32163 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
408-32163
Rev A
2 of 4
During extraction, the back and sides of the extraction tool protect the cage assembly from damage, the wall
supports support the individual ports of the cage assembly, and the top push plate provides a surface to apply
an even force to extract the pc board from the connector and cage assembly.
3. APPLICATION TOOLING REQUIREMENT
Power for the extraction tool must be provided by application tools (with a ram) capable of supplying a
downward force of 44.5 N [10 lb] per contact.
Manual Arbor Frame Assembly 58024-1 is available for use with these extraction tool kits. Refer to Instruction
Sheet 408-6923 for operating procedure.
CAUTION
Over-driving of the extraction tool could cause damage to the connector or cage assembly.
4. EXTRACTION PROCEDURE
1. Ensure that the amount of wall supports installed onto the finger mounting block matches the amount
of ports of the cage assembly. It is recommended to center the group of wall supports on the finger
mounting block. Refer to Figure 1.
2. Install the top push plate onto the upper tooling and the base plate (with the wall supports) onto the
lower tooling of the application tool. See Figure 2.
CAUTION
Ensure that the upper tooling and lower tooling are secure; otherwise, damage to the connector and cage assembly could
occur.
3. Place the open end of the extraction tool over the cage assembly so that the cutouts align with the
protruding part (at the back) of the cage assembly. Make sure that the sides of the extraction tool sit
on the pc board.
4. Slide the extraction tool (with the connector and cage assembly and pc board) onto the wall supports
so that each “finger” of each wall support enters a port of the cage assembly. Make sure the fingers
are fully inserted into the ports. See Figure 2.
Figure 2
5. Cycle the application tool to extract the pc board from the connector and cage assembly. Then retract
the ram, and carefully remove the extraction tool (with the connector and cage assembly) from the
wall supports.
5. MAINTENANCE AND INSPECTION
The extraction tool kit is inspected before shipment. It is recommended that the extraction tool kit be inspected
immediately upon arrival at your facility to ensure that it has not been damaged during shipment and that it
conforms to the dimensions provided in Figure 3.
Side View
Application Tool Ram
Fingers of Wall
Supports Fully
Inserted into
Cage Assembly
Base Plate (with
Wall Supports)
Lower Tooling of
Application Tooling
PC Board
Top Push Plate
Sides of Extraction Tool
Sitting on PC Board


Similar Part No. - 408-32163

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
Small Form-Factor Pluggable
More results

Similar Description - 408-32163

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
Small Form-Factor Pluggable
114-13219 TEC-114-13219 Datasheet
1Mb / 10P
Stacked Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
Small Form-Factor Pluggable
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
Small Form-Factor Pluggable
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6160-001 AVAGO-ADNS-6160-001 Datasheet
332Kb / 3P
Small Form Factor Trim Lens
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
Small Form Factor CRB
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
Small Form Factor CRB
February 25, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com