Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP73 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # RP73
Description  SMD High Power Precision Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RP73 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button RP73 Datasheet HTML 2Page - TE Connectivity Ltd RP73 Datasheet HTML 3Page - TE Connectivity Ltd RP73 Datasheet HTML 4Page - TE Connectivity Ltd RP73 Datasheet HTML 5Page - TE Connectivity Ltd RP73 Datasheet HTML 6Page - TE Connectivity Ltd RP73 Datasheet HTML 7Page - TE Connectivity Ltd RP73 Datasheet HTML 8Page - TE Connectivity Ltd RP73 Datasheet HTML 9Page - TE Connectivity Ltd RP73 Datasheet HTML 10Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SMD High Power Precision Resistors
1773272 CIS WR 09/2015
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Reel dimension (mm)
Qty / Reel
A ±0.5
B ±0.5
C ±0.5
D ±1
M ±2
W ±1
2000
2
13.5
21
60
178
13.8
Handling Recommendations
When flow soldering - the land width must be smaller than the Chip Resistor
width to properly control the solder application. Generally, the land width
can be Chip Resistor width (W) x 0.7 to 0.8. When reflow soldering
– solder
application amount can be adjusted. Thus the land width can be set to W x
1.0 to 1.3.
How To Order
3521
1K0
F
T
Common Part
Resistance Value
Tolerance Pack Style
1 ohm 1R0
3521
1K ohm 1000 ohms
1K0
F
– 1%
J
– 5%
T
– 2000
reel
1 Meg ohm
1000000 ohms
1M0
Reflow Solder Profile
Time of Reflow soldering at maximum temperature point 260°C = 10s
Wave Solder Profile
Time of Wave soldering at maximum temperature point 260°C = 10s
Time of Soldering Iron at maximum temperature point 410°C = 5s
How To Order
RP73
C
2A
100R
B
TD
Common
Part
TCR
Package
Size
Value
Tolerance
Packaging
RP73
Standard
RP73P
High Power
A -±5ppm/°C
C - ±10ppm/°C
D - ±15PPM
F - ±25PPM
G - ±50PPM
1E - 0402
1J
– 0603
2A
– 0805
2B
– 1206
2E
– 1210
2H
– 2010
3A - 2512
100R
1K0
100K
(100,000
A - ±0.05%
B - ±0.1%
D - ±0.5%
F - ±1.0%
TG
– 250 cut tape
length
(1E, 1J, 2A, 2B)
TDF
– 1000 reel
(1E, 1J, 2A, 2B)
TD
– 5000 reel
(1E, 1J, 2A, 2B, 2E)
TE
– 4000 reel
(2H, 3A only


Similar Part No. - RP73

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RP730012 MACOM-RP730012 Datasheet
494Kb / 3P
Power PCB Relay RPII/1
RP730012 MACOM-RP730012 Datasheet
494Kb / 3P
Power PCB Relay RPII/1
logo
List of Unclassifed Man...
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
Tyco Electronics
RP731E0402 MACOM-RP731E0402 Datasheet
199Kb / 6P
SMD High Power Precision Resistors
RP732B1206 MACOM-RP732B1206 Datasheet
199Kb / 6P
SMD High Power Precision Resistors
More results

Similar Description - RP73

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1676474-2 MACOM-1676474-2 Datasheet
271Kb / 5P
SMD High Power Precision Resistors
1773270 MACOM-1773270 Datasheet
271Kb / 5P
SMD High Power Precision Resistors
RN73C2A1K0BTG MACOM-RN73C2A1K0BTG Datasheet
294Kb / 6P
SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A105RBTG ETC2-RN73C2A105RBTG Datasheet
271Kb / 5P
SMD High Power Precision Resistors
logo
Tyco Electronics
RP73D2B715RBTG MACOM-RP73D2B715RBTG Datasheet
199Kb / 6P
SMD High Power Precision Resistors
RP73PF2A41R2BTDF MACOM-RP73PF2A41R2BTDF Datasheet
199Kb / 6P
SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A1K1BTDF ETC2-RN73C2A1K1BTDF Datasheet
271Kb / 5P
SMD High Power Precision Resistors
RP73PF1J1K91BTDF ETC2-RP73PF1J1K91BTDF Datasheet
199Kb / 6P
SMD High Power Precision Resistors
RN73C2A825RBTDF ETC2-RN73C2A825RBTDF Datasheet
271Kb / 5P
SMD High Power Precision Resistors
RP73PF1J38R3BTDF ETC2-RP73PF1J38R3BTDF Datasheet
199Kb / 6P
SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com