Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP73 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # RP73
Description  SMD High Power Precision Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RP73 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button RP73 Datasheet HTML 2Page - TE Connectivity Ltd RP73 Datasheet HTML 3Page - TE Connectivity Ltd RP73 Datasheet HTML 4Page - TE Connectivity Ltd RP73 Datasheet HTML 5Page - TE Connectivity Ltd RP73 Datasheet HTML 6Page - TE Connectivity Ltd RP73 Datasheet HTML 7Page - TE Connectivity Ltd RP73 Datasheet HTML 8Page - TE Connectivity Ltd RP73 Datasheet HTML 9Page - TE Connectivity Ltd RP73 Datasheet HTML 10Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SMD High Power Precision Resistors
1773272 CIS WR 09/2015
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Marking
Case sizes 0805 to 2512 IEC 4 Digit Marking:
Resistance
R
K
.kΩ
K
kΩ
99K 99kΩ
K
kΩ
Code
1000
2201
1002
4992
1003
Case Size 0603 E24 3 digit marking
– Example 101 = 100R 102=1K0
E24
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
Case size 0603 E96 3 digit marking
– Examples 14C = 13K7 68B = 4K99 68X = 49R9
Code
E96
Code
E96
Code
E96
Code
E96
01
100
25
178
49
316
73
562
02
102
26
182
50
324
74
576
03
105
27
187
51
332
75
590
04
107
28
191
52
340
76
604
05
110
29
196
53
348
77
619
06
113
30
200
54
357
78
634
07
115
31
205
55
365
79
649
08
118
32
210
56
374
80
665
09
121
33
215
57
383
81
681
10
124
34
221
58
392
82
698
11
127
35
226
59
402
83
715
12
130
36
232
60
412
84
732
13
133
37
237
61
422
85
750
14
137
38
243
62
432
86
768
15
140
39
249
63
442
87
787
16
143
40
255
64
453
88
806
17
147
41
261
65
464
89
825
18
150
42
267
66
475
90
845
19
154
43
274
67
487
91
866
20
158
44
280
68
499
92
887
21
162
45
287
69
511
93
909
22
165
46
294
70
523
94
931
23
169
47
301
71
536
95
953
24
174
48
309
72
549
96
976
Code
A
B
C
D
E
F
G
H
X
Y
Z
Multiplier
10¹
10²
10³
⁻¹
NB for 0603 size values other than E24 and E96 will be supplied unmarked
Case sizes smaller than 0603 will be supplied unmarked


Similar Part No. - RP73

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RP730012 MACOM-RP730012 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
RP730012 MACOM-RP730012 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
logo
List of Unclassifed Man...
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
Tyco Electronics
RP731E0402 MACOM-RP731E0402 Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
RP732B1206 MACOM-RP732B1206 Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
More results

Similar Description - RP73

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RN73C2A1K0BTG MACOM-RN73C2A1K0BTG Datasheet
294Kb / 6P
   SMD High Power Precision Resistors
RP73PF2A41R2BTDF MACOM-RP73PF2A41R2BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A825RBTDF ETC2-RN73C2A825RBTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RP73PF1J38R3BTDF ETC2-RP73PF1J38R3BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RP73D2B715RBTG MACOM-RP73D2B715RBTG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A1K1BTDF ETC2-RN73C2A1K1BTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
Tyco Electronics
1676474-2 MACOM-1676474-2 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
1773270 MACOM-1773270 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RP73PF1J1K91BTDF ETC2-RP73PF1J1K91BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
RN73C2A105RBTG ETC2-RN73C2A105RBTG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com