Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP73 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # RP73
Description  SMD High Power Precision Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RP73 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  RP73 Datasheet HTML 1Page - TE Connectivity Ltd RP73 Datasheet HTML 2Page - TE Connectivity Ltd RP73 Datasheet HTML 3Page - TE Connectivity Ltd RP73 Datasheet HTML 4Page - TE Connectivity Ltd RP73 Datasheet HTML 5Page - TE Connectivity Ltd RP73 Datasheet HTML 6Page - TE Connectivity Ltd RP73 Datasheet HTML 7Page - TE Connectivity Ltd RP73 Datasheet HTML 8Page - TE Connectivity Ltd RP73 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SMD High Power Precision Resistors
1773272 CIS WR 09/2015
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Environmental Characteristics
Item
Requirement
Test Method
Tol. ≤ . %
TOL. >0.05%
Temperature Coefficient
of Resistance (TCR)
As per TCRs specified in Electrical Characteristics
tables
MIL-STD-202 Method 304
+25/-55/+25/+125/+25°C
Short Time Overload
ΔR±0.2%
ΔR±0.2%
JIS-C-5201-1 5.5
RCWV*2.5 or Max. overload voltage
whichever is lower for 5 seconds
Insulation Resistance
>
MIL-STD-202 Method 302
Apply 100VDC for 1 minute
Endurance
ΔR±0.5%
MIL-STD-202 Method 108A
70±2°C, RCWV for 1000 hrs with 1.5 hrs
ON and . hrs OFF
Damp Heat with Load
ΔR± .5%
ΔR± . %
MIL-STD-202 Method 103B
40±2°C, 90~95% R.H. RCWV for 1000 hrs
with 1.5
hrs ON and . hrs OFF
Bending Strength
ΔR± . %
ΔR± .%
JIS-C-5201-1 6.1.4
Bending amplitude 3 mm for 10 seconds
Solderability
95% min. coverage
MIL-STD-202 Method 208H
245±5°C for 3 seconds
Resistance to Soldering
Heat
ΔR± . %
ΔR± .%
MIL-STD-202 Method 210E
260±5°C for 10 seconds
Dielectric Withstand
Voltage
By Type
MIL-STD-202 Method 301
Max. overload voltage for 1 minute
Thermal Shock
ΔR± . %
ΔR± . %
MIL-STD-202 Method 107G
-55°C ~150°C, 100 cycles
Low Temperature
Operation
ΔR± .5%
ΔR± . %
JIS-C-5201-1 7.1
1 hour, -65°C, followed by 45 minutes of
RCWV
Storage Temperature: 25±3°C; Humidity < 80%RH
Derating Curve
For resistors operated in ambient temperatures above 70°C, power rating must be derated in accordance with this
curve
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
Ambient Temperature(℃)


Similar Part No. - RP73

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RP730012 MACOM-RP730012 Datasheet
494Kb / 3P
Power PCB Relay RPII/1
RP730012 MACOM-RP730012 Datasheet
494Kb / 3P
Power PCB Relay RPII/1
logo
List of Unclassifed Man...
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
Tyco Electronics
RP731E0402 MACOM-RP731E0402 Datasheet
199Kb / 6P
SMD High Power Precision Resistors
RP732B1206 MACOM-RP732B1206 Datasheet
199Kb / 6P
SMD High Power Precision Resistors
More results

Similar Description - RP73

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RN73C2A1K0BTG MACOM-RN73C2A1K0BTG Datasheet
294Kb / 6P
SMD High Power Precision Resistors
RP73PF2A41R2BTDF MACOM-RP73PF2A41R2BTDF Datasheet
199Kb / 6P
SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A825RBTDF ETC2-RN73C2A825RBTDF Datasheet
271Kb / 5P
SMD High Power Precision Resistors
RP73PF1J38R3BTDF ETC2-RP73PF1J38R3BTDF Datasheet
199Kb / 6P
SMD High Power Precision Resistors
logo
Tyco Electronics
RP73D2B715RBTG MACOM-RP73D2B715RBTG Datasheet
199Kb / 6P
SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A1K1BTDF ETC2-RN73C2A1K1BTDF Datasheet
271Kb / 5P
SMD High Power Precision Resistors
logo
Tyco Electronics
1676474-2 MACOM-1676474-2 Datasheet
271Kb / 5P
SMD High Power Precision Resistors
1773270 MACOM-1773270 Datasheet
271Kb / 5P
SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RP73PF1J1K91BTDF ETC2-RP73PF1J1K91BTDF Datasheet
199Kb / 6P
SMD High Power Precision Resistors
RN73C2A105RBTG ETC2-RN73C2A105RBTG Datasheet
271Kb / 5P
SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com