Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

414002-1 Datasheet(PDF) 14 Page - Tyco Electronics

Part # 414002-1
Description  RF Coax Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

414002-1 Datasheet(HTML) 14 Page - Tyco Electronics

Back Button 414002-1 Datasheet HTML 9Page - Tyco Electronics 414002-1 Datasheet HTML 10Page - Tyco Electronics 414002-1 Datasheet HTML 11Page - Tyco Electronics 414002-1 Datasheet HTML 12Page - Tyco Electronics 414002-1 Datasheet HTML 13Page - Tyco Electronics 414002-1 Datasheet HTML 14Page - Tyco Electronics 414002-1 Datasheet HTML 15Page - Tyco Electronics 414002-1 Datasheet HTML 16Page - Tyco Electronics 414002-1 Datasheet HTML 17Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SMB Connectors, 75 Ohm BT 43 (SMZ) (Continued)
Straight Bulkhead Plug
30.8
[1.21]
Assembled
Max
Panel
28.5
[1.12]
10.8
[0.43]
5.6
[0.22]
7.5
[0.30]
8.4
[0.33]
Dia.
3.0
[0.12]
Mounting Detail
Cable Type
Termination Method
Body Plating
Part No.
Inner
Outer
RG 179B/U
Crimp
Crimp
Selective Gold
1311120-1
BT500B, BT2003,
Crimp
Crimp
Selective Gold
1311701-1
BT2003A
BT3002, TZC75024
Crimp
Crimp
Selective Gold
1311122-1
Right-Angle Bulkhead Plug,
Solder/Crimp
20.4
[0.80]
21.5
[0.85]
Ref.
16.7
[0.66]
Ref.
10.1
[0.40]
Ref.
Cable Type
Body Plating
Part No
RG 179B/U
Selective Gold
1311115-1
7.50
[0.30]
8.00
[0.31]
A/F
32.1
[1.26]
Assembled Length
10.75 ± 0.05
[0.42 ± .002]
9.50 ± 0.10
[0.37 ± .004]
Panel Cut Out
Dia.
Cable Type
Termination Method
Body Plating
Part No.
Inner
Outer
3M: 043, 031C,
Crimp
Crimp
Selective Gold
1313511-1
CS4456, Gore: GCX
189
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.


Similar Part No. - 414002-1

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4140 VCC-4140 Datasheet
75Kb / 1P
Relampable Socket
logo
ETAL Group
4140-G ETAL-4140-G Datasheet
227Kb / 4P
Land vehicles, aircraft, watercraft, special vehicles.
4140-G113-J1M1-M6 ETAL-4140-G113-J1M1-M6 Datasheet
227Kb / 4P
Land vehicles, aircraft, watercraft, special vehicles.
4140-G113-J1M1-Z0 ETAL-4140-G113-J1M1-Z0 Datasheet
227Kb / 4P
Land vehicles, aircraft, watercraft, special vehicles.
logo
Tyco Electronics
41406-1 MACOM-41406-1 Datasheet
56Kb / 1P
RING
More results

Similar Description - 414002-1

ManufacturerPart #DatasheetDescription
logo
ITT Industries
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
RF Coaxial Connectors
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
N-Type RF Coax Cable Assemblies
logo
Adam Technologies, Inc.
RF101D0150 ADAM-TECH-RF101D0150 Datasheet
154Kb / 1P
RF CONNECTORS
logo
CRYSTEK CORPORATION
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
RG-174 RF Coax Cable Assemblies
logo
Tyco Electronics
1055497-1 MACOM-1055497-1 Datasheet
8Mb / 320P
RF Coax Products
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
RF Coax Connectors
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
COAX RF H155 PE
2019 Belden, Inc
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com