Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA-075-24-02-00-00 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # LA-075-24-02-00-00
Description  Compact form factor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

LA-075-24-02-00-00 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  LA-075-24-02-00-00 Datasheet HTML 1Page - Laird Tech Smart Technology LA-075-24-02-00-00 Datasheet HTML 2Page - Laird Tech Smart Technology LA-075-24-02-00-00 Datasheet HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 LA‐075‐24‐02‐00‐00 
Liquid‐to‐Air Thermoelectric Assembly 
 
 
 
 
 
 
SPECIFICATIONS 
TECHNICAL 
 
Technology 
Thermoelectric based 
Cooling at ΔT = 0°C 
71 W  
Voltage (nominal/maximum) 
24/30 VDC  
Current draw, ±10% (nominal/startup) 
3.4/4.3 A 
Weight 
2 kg  
MTBF (fans) 
50,000 hours 
ENVIRONMENTAL 
 
Temperature range ‐10°C to +49°C (‐40°F to +143°F)  
Over temp Thermostat 
75°C±5°C on hot side heat sink 
surface 
 
 


Similar Part No. - LA-075-24-02-00-00

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
Compact form factor
LA-024-24-02-00-00 LSTD-LA-024-24-02-00-00 Datasheet
270Kb / 3P
Precise temperature control
LA-045-12-02-00-00 LSTD-LA-045-12-02-00-00 Datasheet
307Kb / 3P
Precise temperature control
LA-045-24-02-00-00 LSTD-LA-045-24-02-00-00 Datasheet
303Kb / 3P
Precise temperature control
logo
FOTEK CONTROLS CO., LTD...
LA-05E FOTEK-LA-05E Datasheet
1Mb / 5P
Slime Type Light Curtain
More results

Similar Description - LA-075-24-02-00-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS-355 ETC2-FS-355 Datasheet
443Kb / 2P
Core processor module in compact 48-pin DIP form factor
891 ETC2-891 Datasheet
902Kb / 6P
Compact 2U half-rack form factor with 4.3??color display
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
compact form factor
logo
Laird Tech Smart Techno...
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
Compact form factor
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
Compact form factor
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
Compact form factor
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
Compact form factor
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
Standard form factor
logo
Apacer Technology Inc.
SM22P-297 APACER-SM22P-297 Datasheet
4Mb / 4P
SSD (Solid-State Disk) with compact form factor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com