Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03S105-S00S3 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 03S105-S00S3
Description  ADAPTOR RPC-3.50 PLUG ??RPC-N 50 PLUG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

03S105-S00S3 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  03S105-S00S3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03S105-S00S3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
ADAPTOR
RPC-3.50 PLUG – RPC-N 50
Ω PLUG
03S105-S00S3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
f(GHz)
Electrical data
Impedance
50
Ω
Frequency
DC to 18 GHz
Return loss
≥ 26 dB, DC to 18 GHz
Insertion loss
≤ 0.05 x
dB
Insulation resistance
≥ 5 GΩ
Center contact resistance RPC-3.50
≤ 3.0 mΩ
Outer contact resistance RPC-3.50
≤ 2.0 mΩ
Center contact resistance RPC-N
≤ 1.0 mΩ
Outer contact resistance RPC-N
≤ 1.0 mΩ
Test voltage
1000 V rms
Working voltage
335 V rms
RF-leakage
≥ 90 dB up to 1 GHz
Mechanical data
Mating cycles
≥ 500
Center contact captivation
≥ 28 N
Coupling test torque RPC-3.50
1.70 Nm
Recommended torque RPC-3.50
0.80 Nm to 1.10 Nm
Coupling test torque RPC-N
1.70 Nm
Recommended torque RPC-N
0.70 Nm to 1.10 Nm
Environmental data
Temperature range
-40°C to +85°C
Thermal shock
MIL-STD-202, Method 107, Condition B
Corrosion
MIL-STD-202, Method 101, Condition B
Vibration
MIL-STD-202, Method 204, Condition D
Shock
MIL-STD-202, Method 213, Condition I
Moisture resistance
MIL-STD-202, Method 106
2002/95/EC (RoHS)
compliant
Tooling
N/A
Suitable cables
N/A
Packing
Standard
1 pce in box
Weight
43.6 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Herbert Babinger
17/05/04
J. Krautenbacher
16/10/06
b00
06-0478
S. Huber-Siegl
16/10/06
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 03S105-S00S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03S105-K00S3 ROSENBERGER-03S105-K00S3 Datasheet
77Kb / 2P
ADAPTOR
03S105-K00S3 ROSENBERGER-03S105-K00S3 Datasheet
87Kb / 1P
Training Kit
More results

Similar Description - 03S105-S00S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
05S121-S00S3 ROSENBERGER-05S121-S00S3 Datasheet
96Kb / 2P
RPC-N 50 ADAPTOR PLUG - PLUG
05S106-S00S3 ROSENBERGER-05S106-S00S3 Datasheet
726Kb / 2P
ADAPTOR RPC-N 50 W PLUG ??RPC-TNC PLUG
03K104-S00S3 ROSENBERGER-03K104-S00S3 Datasheet
82Kb / 2P
ADAPTOR RPC-3.50 JACK ??RPC-SL PLUG
03K121-K00S3 ROSENBERGER-03K121-K00S3 Datasheet
61Kb / 2P
RPC-3.50 ADAPTOR
03KR121-K0AS3 ROSENBERGER-03KR121-K0AS3 Datasheet
49Kb / 2P
RPC-3.50 ADAPTOR
03KR121-S0AS3 ROSENBERGER-03KR121-S0AS3 Datasheet
49Kb / 2P
RPC-3.50 ADAPTOR
03S121-K00S3 ROSENBERGER-03S121-K00S3 Datasheet
67Kb / 2P
RPC-3.50 ADAPTOR
03S121-S00S3 ROSENBERGER-03S121-S00S3 Datasheet
64Kb / 2P
RPC-3.50 ADAPTOR
03K110-S21S3 ROSENBERGER-03K110-S21S3 Datasheet
997Kb / 3P
Calibration Adaptor RPC-3.50 Jack ??RPC-SP Plug
03KR121-SR00S3 ROSENBERGER-03KR121-SR00S3 Datasheet
53Kb / 2P
RPC-3.50 ADAPTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com