Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA58 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # PA58
Description  Vertical or horizontal polarization
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PA58 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  PA58 Datasheet HTML 1Page - Laird Tech Smart Technology PA58 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
• High gain/low profile/wide-band
• Pole mount or surface mount
• Rugged and weatherproof
• Vertical or horizontal polarization
• Type N female connector
MARKETS
• 5 GHz wireless LAN applications
• Client antennas
• 802.11a applications
• OEM wireless data
• WiMAX
5150 TO 5825 MHz OPERATION FLAT PANEL WIDE-BAND ANTENNA
The 5 GHz wide-band flat panel directional antennas by Laird offer high gain in a thin low
profile package. The antennas are constructed of a gray color UV resistant ABS plastic radome
with an aluminum backplate. The antenna can be used in horizontal or vertical polarization.
The die cast aluminum bracket affords ±45° up or down tilt adjustment and the stainless steel
hardware assures a long service life. The antenna can be surface mounted or pole mounted.
The antenna comes with an integral N female connector standard.
ANTENNA PATTERNS
Flat Panel Wide-Band Antenna
PA58
PA58-19
PA58-24
Americas: +1.847 839.6927 
IAS‐AmericasEastSales@lairdtech.com 
Europe: +44.1628.858941 
IAS‐EUSales@lairdtech.com 
Asia:  +86.21.5855.0827.127 
IAS‐AsiaSales@lairdtech.com 
www.lairdtech.com 


Similar Part No. - PA58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA58-19 ETC2-PA58-19 Datasheet
1Mb / 12P
   Client Side Antennas
PA58-24 ETC2-PA58-24 Datasheet
1Mb / 12P
   Client Side Antennas
More results

Similar Description - PA58

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
R2T2458 LSTD-R2T2458 Datasheet
725Kb / 2P
   Vertical or horizontal polarization
MD24-12 LSTD-MD24-12 Datasheet
1Mb / 1P
   Vertical or horizontal polarization
logo
API Delevan
PT5-530 API-PT5-530_09 Datasheet
1Mb / 4P
   Power Toroids - Horizontal or Vertical Mount
PT5-530 API-PT5-530 Datasheet
145Kb / 4P
   Power Toroids-Horizontal or Vertical Mount
logo
Dubilier
DBCTB26-12 DUBILIER-DBCTB26-12 Datasheet
122Kb / 1P
   TERMINAL BLOCKS PLUG - IN 5mm VERTICAL OR HORIZONTAL
logo
Bourns Electronic Solut...
2301-RC BOURNS-2301-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors Horizontal or vertical mount
logo
Dubilier
DBCTB30-24 DUBILIER-DBCTB30-24 Datasheet
122Kb / 1P
   TERMINAL BLOCKS PLUG - IN 5mm VERTICAL OR HORIZONTAL
logo
Laird Tech Smart Techno...
IN800 LSTD-IN800 Datasheet
1Mb / 2P
   Vertical polarization
logo
Dubilier
DBCTB47-2 DUBILIER-DBCTB47-2 Datasheet
79Kb / 1P
   TERMINAL BLOCKS 10mm PITCH PLUG IN VERTICAL OR HORIZONTAL
logo
Bourns Electronic Solut...
2201-RC BOURNS-2201-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors Horizontal or vertical mount Low cost
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com