Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA58 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # PA58
Description  Vertical or horizontal polarization
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PA58 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  PA58 Datasheet HTML 1Page - Laird Tech Smart Technology PA58 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PARAMETER
MODEL
MIN
TYP
MAX
UNITS
Frequency Range
5150
5825
MHz
Gain
PA58-19
PA58-24
19
24
dBi
Horizontal Beamwidth
PA58-19
PA58-24
16
8
Deg
Vertical Beamwidth
PA58-19
PA58-24
16
8
Deg
Front to Back
PA58-19
PA58-24
30
40
dB
Cross Polarization
25
dB
VSWR
5150-5350 MHz
5470-5825 MHz
2.0:1
1.5:1
Impedance
50
OHM
Input Power
100
W
Operating Temperature
-40
+70
°C
Pole Size
1 (25)
2.5 (64)
in (mm)
Weight
PA58-19
PA58-24
17.6 (0.5)
60 (1.7)
oz (kg)
Dimension (L x W x Thick)
PA58-19
PA58-24
7.5 x 7.5 x 0.8 (190 x 190 x 20)
15.4 x 14.6 x 0.8 (390 x 371 x 21)
in (mm)
Bracket Tilt
45
Deg
SYSTEM ORDERING INFORMATION
Wide-band 5.1 to 5.8 GHz 19 dBi flat panel directional antenna
PA58-19
PA58-24
Wide-band 5.1 to 5.8 GHz 24 dBi flat panel directional antenna
NOTES
• All shipments F.O.B. Schaumburg, IL 60173
SPECIFICATIONS
ANT-DS-PA58 1115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for
the use and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the
fitness, merchantability or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages
of any kind. All Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. ©
Copyright 2015 Laird Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trademarks or registered trademarks of Laird Inc. or an
affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party
intellectual property rights.
WIND LOADING (LBS.)
MODEL
SQ. IN
100 MPH
125 MPH
100 MPH WITH ½ IN RADIAL ICE
PA58-19
56
14 lbs
22 lbs
14 lbs
PA58-24
163
41 lbs
64 lbs
41 lbs
Flat Panel Wide-Band Antenna
PA58


Similar Part No. - PA58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA58-19 ETC2-PA58-19 Datasheet
1Mb / 12P
   Client Side Antennas
PA58-24 ETC2-PA58-24 Datasheet
1Mb / 12P
   Client Side Antennas
More results

Similar Description - PA58

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
R2T2458 LSTD-R2T2458 Datasheet
725Kb / 2P
   Vertical or horizontal polarization
MD24-12 LSTD-MD24-12 Datasheet
1Mb / 1P
   Vertical or horizontal polarization
logo
API Delevan
PT5-530 API-PT5-530_09 Datasheet
1Mb / 4P
   Power Toroids - Horizontal or Vertical Mount
PT5-530 API-PT5-530 Datasheet
145Kb / 4P
   Power Toroids-Horizontal or Vertical Mount
logo
Dubilier
DBCTB26-12 DUBILIER-DBCTB26-12 Datasheet
122Kb / 1P
   TERMINAL BLOCKS PLUG - IN 5mm VERTICAL OR HORIZONTAL
logo
Bourns Electronic Solut...
2301-RC BOURNS-2301-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors Horizontal or vertical mount
logo
Dubilier
DBCTB30-24 DUBILIER-DBCTB30-24 Datasheet
122Kb / 1P
   TERMINAL BLOCKS PLUG - IN 5mm VERTICAL OR HORIZONTAL
logo
Laird Tech Smart Techno...
IN800 LSTD-IN800 Datasheet
1Mb / 2P
   Vertical polarization
logo
Dubilier
DBCTB47-2 DUBILIER-DBCTB47-2 Datasheet
79Kb / 1P
   TERMINAL BLOCKS 10mm PITCH PLUG IN VERTICAL OR HORIZONTAL
logo
Bourns Electronic Solut...
2201-RC BOURNS-2201-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors Horizontal or vertical mount Low cost
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com